Electronic Components Datasheet Search
  English  ▼

X  

PST0510 Datasheet(PDF) 2 Page - ABB

Part # PST0510
Description  LS1 PLIABLE CONDUIT TYPE T 25MM 10M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PST0510 Datasheet(HTML) 2 Page - ABB

  PST0510 Datasheet HTML 1Page - ABB PST0510 Datasheet HTML 2Page - ABB PST0510 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 in
25 mm
Package Level 2 Height
1 in
25 mm
Package Level 2 Depth /
Length
Additional Information
Liquid Resistant Indoors / Outdoors, Light Industrial, Underground, Rail
Infrastructure, Where Low Smoke & Toxicity is a Primary Concern
Application
Kopex
Brand / Label
Black
Color
20.4 mm
Inside Diameter
Galvanized Steel with Kraft Paper Core and Low Fire Hazard Coating
Material
3/4 in
NC25
Nominal Size
0
Number of Batteries
27.3 mm
Outside Diameter
FLEXIBLE METAL CONDUIT
Product Name
Liquid Tight Low Fire Hazard Conduit
Product Type
55 mm
Radius
BSI Kitemark KM-90009, Low Voltage Directive, London Underground I-
085, NFF16-101 (I1 F1)
Standards
786210272221
UPC
Certificates and Declarations (Document Number)
PST0510
Data Sheet, Technical
Information
9AKK107492A9617
Declaration of
Conformity - CE
PST0510
Instructions and
Manuals
Classifications
EC001179 - Protective metallic hose
ETIM 6
EC001179 - Protective metallic hose
ETIM 7
39131706
UNSPSC
Product Not in WEEE Scope
WEEE Category
5543 >> Liquid Tight Conduit
IDEA Granular Category
Code (IGCC)
Low Voltage Products and Systems → Installation Products → Cable Protection, Explosion Proof and Lighting → Flexible Cable
Protection Systems
Categories
2
PST0510



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com