Electronic Components Datasheet Search
  English  ▼

X  

L3281AD1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L3281AD1
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281AD1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L3281AD1 Datasheet HTML 2Page - STMicroelectronics L3281AD1 Datasheet HTML 3Page - STMicroelectronics L3281AD1 Datasheet HTML 4Page - STMicroelectronics L3281AD1 Datasheet HTML 5Page - STMicroelectronics L3281AD1 Datasheet HTML 6Page - STMicroelectronics L3281AD1 Datasheet HTML 7Page - STMicroelectronics L3281AD1 Datasheet HTML 8Page - STMicroelectronics L3281AD1 Datasheet HTML 9Page - STMicroelectronics L3281AD1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIP14 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
L3281
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10