Electronic Components Datasheet Search
  English  ▼

X  

2540 Datasheet(PDF) 2 Page - pro-elec

Part # 2540
Description  Dry Lining Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

2540 Datasheet(HTML) 2 Page - pro-elec

  2540 Datasheet HTML 1Page - pro-elec 2540 Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.farnell.com
www.cpc.co.uk
Page <2>
V1.0
06/12/12
Dry Lining Box
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.
Item
Conditions
Requirements
Appearance
-
No defect such as cracks, deep scratches or blemishes
Marking
-
Shall be legible and must be clear
Resistance to aging
70° ±5° 168 hours
No cracks or become sticky
Torque test
Value of 0.6Nm (6.1kgf/cm)
Terminal, and fixing screws shall withstand the torque applied
Glow wire test
650°/750° electrically heated
Flame must extinguish within 30 seconds
Safety Specifications:
Description
Part Number
Back Box, Dry Lining, Single, 35mm
2540
Back Box, Dry Lining, Double, 35mm
2541
Part Number Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com