Electronic Components Datasheet Search
  English  ▼

X  

RF5111 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5111
Description  3V DCS POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5111 Datasheet HTML 6Page - RF Micro Devices RF5111 Datasheet HTML 7Page - RF Micro Devices RF5111 Datasheet HTML 8Page - RF Micro Devices RF5111 Datasheet HTML 9Page - RF Micro Devices RF5111 Datasheet HTML 10Page - RF Micro Devices RF5111 Datasheet HTML 11Page - RF Micro Devices RF5111 Datasheet HTML 12Page - RF Micro Devices RF5111 Datasheet HTML 13Page - RF Micro Devices RF5111 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RF5111
Rev A1 DS060921
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Dual-Band DCS/PCS Lumped Element
C19
12 pF
C20
1 nF
C7
1 nF
J3
APC
C9
10 nF
VCC
C6
1 nF
C2
1 nF
J1
RF IN
50
Ω μstrip
50
Ω μstrip
C10
5.1 pF
C11
2.2 pF
C12
2.4 pF
C14
33 pF
50
Ω μstrip
J2
RF OUT
C17
33 pF
C15
1 nF
C1
47 pF
VCC
C18
1 pF
C4
27 pF
100 mils
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C8
33 pF
L4
1.2 nH
L3
8.8 nH
C16
3.3 uF
C21
3.3 uF
L5
10
Ω Ferrite
C23
33 pF
C22
1 nF
VAT EN
C24
1 nF
C25
1 nF
L2
1.2 nH
VCC
C3A
10 nF
C3
1 nF
P1-1
VAT EN
P1-2
VCC
P1-3
VCC
GND
GND
P1
1
2
3
4
5
CON5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com