Electronic Components Datasheet Search
  English  ▼

X  

634 Datasheet(PDF) 5 Page - Hengstler GmbH

Part # 634
Description  Totalizing Counters „mini-i“
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

634 Datasheet(HTML) 5 Page - Hengstler GmbH

  634 Datasheet HTML 1Page - Hengstler GmbH 634 Datasheet HTML 2Page - Hengstler GmbH 634 Datasheet HTML 3Page - Hengstler GmbH 634 Datasheet HTML 4Page - Hengstler GmbH 634 Datasheet HTML 5Page - Hengstler GmbH 634 Datasheet HTML 6Page - Hengstler GmbH 634 Datasheet HTML 7Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
tico 007
103
Components 2000
ENCODERS
COUNTERS
CONTROLLERS INDICA T O RS RELA YS PRINTERS
CUTTERS
ORDER INFORMATION
Technical data
Dimensions in mm
Coil
Ordering code
Voltage
Resist
Clamping term. conn.
24 VAC
6.8 k
Ω
0 635 811
115 VAC
6.8 k
Ω + RV 25 kΩ
0 635 813
230 VAC
6.8 k
Ω + RV 66 kΩ
0 635 815
Panel Frame 24 x 36 (assembly dimension 22 x 33) Ordering code 1 405 674
Inquire for other versions
DIMENSIONS
Clamping terminal connection
Type 635



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com