Electronic Components Datasheet Search
  English  ▼

X  

HSD12FDT Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSD12FDT
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSD12FDT Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSD12FDT Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD12FDT Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD12FDT Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD12FDT Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HSD12FDT
Transient Voltage Suppressor
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±30
±30
kV
PPP
Peak Pulse Power (8/20μs)
2275
W
TJ
Junction Temperature
125
C
TSTG
Storage Temperature
-55~150
C
ELECTRICAL CHARACTERISTICS (Tamb=25
C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
12.0
V
VBR
Reverse Breakdown
Voltage
IT = 1mA
12.7
V
IR
Reverse Leakage Current
VRWM = 12V
100
n
A
VC
Clamping Voltage
IPP = 25A, tp = 8/20μs
25
V
IPP = 65A, tp = 8/20μs
35
V
CJ
Junction Capacitance
VR = 0V, f = 1MHz
510
pF
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com