Electronic Components Datasheet Search
  English  ▼

X  

HSD08C Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSD08C
Description  Bidirectional TVS Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSD08C Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSD08C Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD08C Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD08C Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSD08C Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
±30
±30
HSDxxC Series
Bidirectional TVS Diodes
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
C
TSTG
Storage Temperature
-55/+150
C
TL
Lead Soldering Temperature
260 (10 sec.)
C
ELECTRICAL CHARACTERISTICS (Tamb=25
C)
PART
NUMBER
DEVICE
MARKING
VRWM
VB
IT
VC@1A
VC
IR
CT
(V)
(V)
(mA)
(V)
(V)
(µA)
(pF)
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(max.)
HSD03C
2A
3.3
4.0
1
7.5
17.5
20
40
450
HSD05C
2B
5.0
6.0
1
9.8
20.0
18
10
200
HSD08C
2C
8.0
8.5
1
13.4
24.0
15
2
120
HSD12C
2D
12.0
13.3
1
19.0
32.0
11
1
75
HSD15C
2J
15.0
16.7
1
24.0
38.0
10
1
68
HSD18C
2K
18.0
20.0
1
29.0
45.0
9
1
57
HSD20C
2L
20.0
22.3
1
35.0
50.0
8
1
52
HSD24C
2H
24.0
26.7
1
43.0
52.0
7
1
50
HSD36C
2N
36.0
40.0
1
60.0
75.0
4.5
1
35
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com