Electronic Components Datasheet Search
  English  ▼

X  

HSM12 Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSM12
Description  TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSM12 Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSM12 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSM12 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSM12 Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSM12 Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HSMxx Series
TVS Diode Array
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Contact)
ESD per IEC 61000-4-2 (Air)
±30
±30
kV
PPP
Peak Pulse Power (8/20μs)
350
W
TOPT
Operating Temperature
-55/+150
C
TSTG
Storage Temperature
-55/+150
C
TL
Lead Soldering Temperature
260 (10 sec.)
C
ELECTRICAL CHARACTERISTICS (Tamb=25
C)
PART
NUMBER
DEVICE
MARKING
VRWM
VB
IT
VC@1A
VC
IR
CJ
(V)
(V)
(mA)
(V)
(V)
(µA)
(pF)
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(max.)
HSM03
M03
3.3
4
1
7.0
14
20
40
450
HSM05
M05
5
6
1
9.8
18
17
10
300
HSM08
M08
8
8.5
1
13.4
24
15
2
240
HSM12
M12
12
13.3
1
19
32
11
1
130
HSM15
M15
15
16.7
1
24
38
10
1
120
HSM18
M18
18
20
1
29
45
9
1
100
HSM20
M20
20
22.3
1
35
50
8
1
90
HSM24
M24
24
26.7
1
43
52
7
1
80
HSM36
M36
36
40
1
60
75
5
1
60
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com