Electronic Components Datasheet Search
  English  ▼

X  

RF3867 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3867
Description  DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3867 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3867 Datasheet HTML 1Page - RF Micro Devices RF3867 Datasheet HTML 2Page - RF Micro Devices RF3867 Datasheet HTML 3Page - RF Micro Devices RF3867 Datasheet HTML 4Page - RF Micro Devices RF3867 Datasheet HTML 5Page - RF Micro Devices RF3867 Datasheet HTML 6Page - RF Micro Devices RF3867 Datasheet HTML 7Page - RF Micro Devices RF3867 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF3867
Rev A0 DS070808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1NC
Not connected.
2RF IN1
Channel 1 RF input pin. 50
Ω matched. This pin is DC-blocked.
3NC
Not connected.
4RF IN2
Channel 2 RF input pin. 50
Ω matched. This pin is DC-blocked.
5NC
Not connected.
6NC
Not connected.
7ACG2
Channel 2 AC ground. Shunt cap may be added for tuning. Shunt resistor
may be added to increase IDD.
8NC
Not connected.
9
VDD2
Channel 2 bias voltage. 2.5V to 6.0V applied through bias inductor.
10
NC
Not connected.
11
NC
Not connected.
12
RF OUT2
Channel 2 RF output pin. 50
Ω matched. This pin is DC-blocked.
13
NC
Not connected.
14
RF OUT1
Channel 1 RF output pin. 50
Ω matched. This pin is DC-blocked.
15
NC
Not connected.
16
NC
Not connected.
17
VDD1
Channel 1 bias voltage. 2.5V to 6.0V applied through bias inductor.
18
NC
Not connected.
19
ACG1
Channel 1 AC ground. Shunt cap may be added for tuning. Shunt resistor
may be added to increase IDD.
20
NC
Not connected.
Pkg
Base
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com