Electronic Components Datasheet Search
  English  ▼

X  

8074669 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8074669
Description  Semi-rotary drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8074669 Datasheet(HTML) 2 Page - Festo Corporation.

  8074669 Datasheet HTML 1Page - Festo Corporation. 8074669 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
UKCA marking (see declaration of conformity)
acc. to UK EX instructions
Explosion protection certification outside the EU
EPL Db (GB)
EPL Gb (GB)
Explosion prevention and protection
Zone 1 (ATEX)
Zone 1 (UKEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 21 (UKEX)
Zone 22 (ATEX)
Certificate issuing authority
DNV TAP00001CE
TÜV Rheinland 968/V 1106.01/2023
ATEX category gas
II 2G
ATEX category for dust
II 2D
Type of ignition protection for gas
Ex h IIC T4 Gb X
Type of (ignition) protection for dust
Ex h IIIC T105°C Db X
Explosive ambient temperature
-20°C <= Ta <= +80°C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Dew point min. 10 °C below the ambient temperature and temperature
of medium
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 80 °C
Torque at nominal operating pressure and 0° swivel angle
20.1 Nm
Torque at nominal operating pressure and 90° swivel angle
20.1 Nm
Note about the torque
The actuator's operating torque must not be higher than the maximum
permissible torque listed in ISO 5211, based on the size of the mounting
flange and the coupling.
Air consumption at 6 bar per cycle 0°-nominal swivel angle-0°
1.8 l
Product weight
1275 g
Shaft connection
T9
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Material of sub-base
Wrought aluminum alloy, anodized
Cover material
Die-cast aluminum, coated
Seals material
NBR
Housing material
Aluminum, anodized
Material of piston
Die-cast aluminum
Material of bearing
POM
Cam material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Shaft material
Steel, nickel-plated
12/23/25 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com