Electronic Components Datasheet Search
  English  ▼

X  

RF3861 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3861
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3861 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3861 Datasheet HTML 1Page - RF Micro Devices RF3861 Datasheet HTML 2Page - RF Micro Devices RF3861 Datasheet HTML 3Page - RF Micro Devices RF3861 Datasheet HTML 4Page - RF Micro Devices RF3861 Datasheet HTML 5Page - RF Micro Devices RF3861 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RF3861
Rev A0 DS070806
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1NC
Not connected.
2NC
Not connected.
3RF IN
RF input pin. 50
Ω matched. This pin is DC-blocked.
4NC
Not connected.
5NC
Not connected.
6NC
Not connected.
7ACG
AC ground. Shunt cap may be added for tuning. Shunt resistor may be
added to increase IDD.
8NC
Not connected.
9NC
Not connected.
10
NC
Not connected.
11
RF OUT
RF output pin. 50
Ω matched. This pin is DC-blocked.
12
NC
Not connected.
13
NC
Not connected.
14
NC
Not connected.
15
VD
Bias voltage. 2.5V to 6.0V applied through bias inductor.
16
NC
Not connected.
Pkg
Base
GND
Ground connection.
Dimensions in mm.
Shaded lead is pin 1.
0.1 C
0.102 REF
0.203 REF
0.925
0.775
C
0.08 C
0.15 C
2 PLCS
0.15 C
2 PLCS
3.00
A
3.00
B
Pin 1 ID
0.10
C AB
M
0.40
0.20
TYP
1.70
1.70
0.28
0.18
TYP
0.50 TYP
Pin 1 ID
0.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com