Electronic Components Datasheet Search
  English  ▼

X  

LD400/P Datasheet(PDF) 4 Page - Thurlby Thandar Instruments Ltd.

Part # LD400/P
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

LD400/P Datasheet(HTML) 4 Page - Thurlby Thandar Instruments Ltd.

  LD400/P Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. LD400/P Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GRAPHIC USER INTERFACE (GUI)
The modular based architecture allows all operational settings to
be accessed from one central ‘mode’ menu. For each mode, all
settings are visible and directly editable on one screen- showing
the whole test setup without the need to navigate through sub-
menus, as seen with other SMUs.
Single press auto fit graph automatically scales the primary
measurement data to best fit onto the display, allowing quick and
efficient analysis of measured data.
MULTIPLE INSTRUMENTS IN ONE
There are many source, load and measure operational modes
to choose from, each one allows advanced user settable
configurations to be created based around the specifics for
that mode. 8 EasySet pre-sets are also included to allow instant
use of the SMU in the simplest form, including: Power Supply,
Current Source, Load, Voltmeter, Ammeter, Ohmmeter, Insulation
resistance meter and Leakage current meter. These setups form
a convenient base, from which settings can be edited using the
manual setup mode configuration.
f
ADVANCED SWEEP ENGINE
As well as a high precision DC and pulsed
source and measure capabilities, the SMU4000
Series has a built-in sweep setting that supports
standard sweep parameters; such as:
Constant and pulsed sweep operation, double
sweep functions and linear & logarithmic
modes that are fully functional from the front
panel with a simple setup process involving only
a few steps, providing full graphical results on
screen.
Arbitrary list sweeps of up to 100K points can
be directly uploaded to the instrument via the
flash drive.
ADVANCED ON SCREEN GRAPHICAL RESULTS
A graphical representation of the buffered measurement results
can be viewed and explored on screen using the advanced graph
menu. Voltage or Current data can be viewed as voltammograms
for producing I-V curves and YT graphs to analyse a primary
measurement against time, in a linear formats. The flexible
graphing feature provides manual scaling alongside auto-range, as
well as an option to compare live data against a saved trace and
adjustable X and/or Y axis markers to pin-point a specific point in
the measured data on the graph.
ULTIMATE USER
EXPERIENCE
Custom
Pulse
Linear sweep
Pulsed linear
sweep
Logarithmic
sweep
Dual sweep
CONVENTIONAL SMU’S
AIM-TTI SMU
COMPACT- SMALLEST BENCH TOP SMU ON THE
MARKET
f
DATA HANDLING
Advanced math features, including: Deviation, % Deviation,
% Ratio and mx + b, alongside measured tolerance band sorting,
can be applied to live data readings.
f
MEASUREMENT STATISTICS
Real time calculated information for the primary and secondary
measurements, including minimum/maximum samples, average,
span and standard deviation are available to view at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com