| Electronic Components Datasheet Search |
|
CS230E Datasheet(PDF) 1 Page - Antex (Electronics) Limited |
|
|
|||||||||||||||||||||||||||||
CS230E Datasheet(HTML) 1 Page - Antex (Electronics) Limited |
|
1 / 3 page ![]() Replacement Elements • CE conformity • Built to meet BS EN60335-2-45 • Full power range from 12 to 50 watts • Wide choice of input voltages • "Thermally balanced" fixed setting and "in handle" adjustable temperature models • Wide range of soldering and desoldering bit profiles • Light, compact and well balanced for operator satisfaction By designing the bit to wrap around the heating element, ANTEX have ensured maximum heat transfer into the bit, and minimum heat loss to ambient. Such is the efficiency that tests have proven that an ANTEX 25 watt iron has equivalent soldering power to many other manufacturers' 40 watt irons. The ANTEX MLXS is a 25 watt 12 volt soldering iron equipped with a 4.5 metre twin cable furnished with giant "croc-clips" for use on vehicle batteries. Ideal for emergency use in the car, boat or caravan, the package is also a must for outdoor hobbyists such as model aircraft or boat enthusiasts where urgent repairs may be needed and mains power is not available. The ANTEX SK2, SK5 and SK6 kits offer a high quality soldering iron, ST6 bench stand, length of solder and the "Introduction to Soldering" booklet all in one package. The three kits differ only by the soldering iron contained therein. |
Similar Part No. - CS230E |
|
Similar Description - CS230E |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |