Electronic Components Datasheet Search
  English  ▼

X  

1753062001 Datasheet(PDF) 1 Page - Weidmuller

Part # 1753062001
Description  SL-SMT 3.50/10/180G 1.5SN BK BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1753062001 Datasheet(HTML) 1 Page - Weidmuller

  1753062001 Datasheet HTML 1Page - Weidmuller 1753062001 Datasheet HTML 2Page - Weidmuller 1753062001 Datasheet HTML 3Page - Weidmuller 1753062001 Datasheet HTML 4Page - Weidmuller 1753062001 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet
SL-SMT 3.50/10/180G 1.5SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
High-temperature-resistant male header, 3.50 mm pitch.
• Plugging direction parallel (90°), straight 180° or angled
(135°) to PCB
• Housing variants: closed side (G), screw flange (F), sol-
der flange (LF) or snap-on solder flange (RF)
• Optimised for the SMT process
• Pin length 3.2 mm universal for all soldering methods
• Pin length 1.5 mm optimised for reflow soldering meth-
ods
• Packed either in a box (BX) or tape-on-reel (RL)
• Male header can be coded
General ordering data
 
Version
PCB plug-in connector, male header, closed side,
THT/THR solder connection, 3.50 mm, Number
of poles: 10, 180°, Solder pin length (l): 1.5 mm,
tinned, black, Box
Order No.
1753062001
Type
SL-SMT 3.50/10/180G 1.5SN BK BX
GTIN (EAN)
4032248130962
Qty.
50 items
Product data
IEC: 320 V / 15 A
UL: 300 V / 10 A
Packaging
Box
 
 
Creation date 04.12.2025 01:06:42 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1753062001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1753064001 WEIDMULLER-1753064001 Datasheet
443Kb / 5P
SL-SMT 3.50/10/180G 1.5SN BK RL
More results

Similar Description - 1753062001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1752982001 WEIDMULLER-1752982001 Datasheet
96Kb / 5P
SL-SMT3.5/2/180G 1.5SN
1753002001 WEIDMULLER-1753002001 Datasheet
96Kb / 5P
SL-SMT3.5/4/180G 1.5SN
1753022001 WEIDMULLER-1753022001 Datasheet
96Kb / 5P
SL-SMT3.5/6/180G 1.5SN
1753122001 WEIDMULLER-1753122001 Datasheet
96Kb / 5P
SL-SMT3.5/16/180G 1.5SN
1775922001 WEIDMULLER-1775922001 Datasheet
92Kb / 5P
SL-SMT5.08/2/180G 1.5SN
1775952001 WEIDMULLER-1775952001 Datasheet
92Kb / 5P
SL-SMT5.08/5/180G 1.5SN
1796630000 WEIDMULLER-1796630000 Datasheet
89Kb / 4P
SL-SMT5.00/2/180G 1.5SN
1796660000 WEIDMULLER-1796660000 Datasheet
89Kb / 4P
SL-SMT5.00/5/180G 1.5SN
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com