Electronic Components Datasheet Search
  English  ▼

X  

1748000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1748000000
Description  B2L 3.5/30 SN OR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1748000000 Datasheet(HTML) 1 Page - Weidmuller

  1748000000 Datasheet HTML 1Page - Weidmuller 1748000000 Datasheet HTML 2Page - Weidmuller 1748000000 Datasheet HTML 3Page - Weidmuller 1748000000 Datasheet HTML 4Page - Weidmuller 1748000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Socket
connectors, tension spring connection | B2L 3.5 | B2L 3.5
- 1 -
General ordering data
Order No.
1747890000
Part designation
B2L 3.5/30 SN OR
Version
PCB plug-in connector, Female connectors,
Tension clamp connection, Clamping range, max.:
1 mm², Pitch: 3.50 mm, No. of poles: 30, 180°,
Box
EAN
4032248198542
Qty.
20 pc(s).
System parameters
Conductor connection system
Tension clamp connection
Outgoing direction of conductor
180°
Pitch
3.5 mm
Pitch in inch
0.138 inch
No. of poles
30
No. of rows
2
Stripping length
7 mm
L1 in mm
49 mm
L1 in inch
1.929 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PBT
Colour
orange
colour chart
Similar to RAL 2000
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
Copper alloy
Contact surface
tinned
Connectable conductors
Clamping range, min.
0.08 mm²


Similar Part No. - 1748000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748000000 WEIDMULLER-1748000000 Datasheet
82Kb / 5P
PCB connection systems
1748000000 WEIDMULLER-1748000000 Datasheet
82Kb / 5P
SLD 5.08V/10/180B 3.2SN OR BX
1748000000 WEIDMULLER-1748000000 Datasheet
82Kb / 5P
B2L 3.5/28 SN SW
1748000000 WEIDMULLER-1748000000 Datasheet
82Kb / 5P
B2L 3.5/12 SN OR
1748000000 WEIDMULLER-1748000000 Datasheet
82Kb / 5P
B2L 3.5/10 SN OR
More results

Similar Description - 1748000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1727640000 WEIDMULLER-1727640000 Datasheet
82Kb / 5P
B2L 3.5/6 SN SW
1727650000 WEIDMULLER-1727650000 Datasheet
82Kb / 5P
B2L 3.5/8 SN SW
1727660000 WEIDMULLER-1727660000 Datasheet
82Kb / 5P
B2L 3.5/10 SN SW
1727670000 WEIDMULLER-1727670000 Datasheet
82Kb / 5P
B2L 3.5/12 SN SW
1727690000 WEIDMULLER-1727690000 Datasheet
82Kb / 5P
B2L 3.5/16 SN SW
1747940000 WEIDMULLER-1747940000 Datasheet
82Kb / 5P
B2L 3.5/24 SN SW
1748170000 WEIDMULLER-1748170000 Datasheet
83Kb / 5P
B2L 3.5/6 F SN SW
1748260000 WEIDMULLER-1748260000 Datasheet
84Kb / 5P
B2L 3.5/24 F SN SW
1748450000 WEIDMULLER-1748450000 Datasheet
80Kb / 5P
B2L 3.5/30 LH SN OR
1748560000 WEIDMULLER-1748560000 Datasheet
80Kb / 5P
B2L 3.5/20 LH SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com