Electronic Components Datasheet Search
  English  ▼

X  

1202C3 Datasheet(PDF) 6 Page - APEM

Part # 1202C3
Description  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

1202C3 Datasheet(HTML) 6 Page - APEM

  1202C3 Datasheet HTML 1Page - APEM 1202C3 Datasheet HTML 2Page - APEM 1202C3 Datasheet HTML 3Page - APEM 1202C3 Datasheet HTML 4Page - APEM 1202C3 Datasheet HTML 5Page - APEM 1202C3 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIAL MODELS
(CONTINUED)
BASIC P/N
Momentary pushbutton switches •
round plunger
1200 series
Replace • with the desired plunger color.
Replace • with the desired plunger color.
KEYWAY
KEYWAY
Normally Open
1233A•X209
OPTION X209
OPTION X209L
Normally Open
1233A•X209L
Ø8.00
(.315DIA)
6.35x0.80
14.00
(.551)
(.25x0.031)
(.519)
13.20
17.00
(.669)
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.25x0.031)
6.35x0.80
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
14.00
(.551)
(.519)
13.20
17.00
(.669)
Ø8.00
(.315DIA)
AGENCY APPROVALS
BASIC P/N
NF
All models
UL-CSA All models function 3 (NO), including X209 and X209L
Marking : to order switches marked NF, UL or CSA, complete above box with desired approvals.
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com