Electronic Components Datasheet Search
  English  ▼

X  

FV35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FV35
Description  Pillar Terminal Block (12 poles)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FV35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FV35 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FV35
Pillar Terminal Block
(12 poles)
IEC Standards
American Standards
Ratings
450V - 24A
300V - 6A
Wire size
2.5 sqmm
20 ÷ 18 AWG
Working Temperature
- 5 ÷ 150°C (short time 180°C)
23 ÷ 239°F
Plastic Material
Polyamide PA6.6 glass filled brown colour, UL94 V0, GWT 960°C
Metal Parts
Cage insert made in nickel plated brass; M3 Captive screw made in zinc plated steel
Accessories
Approvals
File Nr.
Ratings (sqmm/AWG – V – A – T)
Standard References
E 2678
2.5 sqmm - 450V – 24A - 150°C
EN 60998-1; EN 60998-2-1
121212
2.5 sqmm - 450V – 24A - 150°C
DIN EN 60998-1; DIN EN 60998-2-1
(VDE 0613)
E 76048 vol. 1 sec. 1
20 ÷ 18AWG - 300V - 6A - 115 °C
UL 1059; CSA C22-2 N.158-1987
LR 40455
20 ÷ 14AWG - 300V - 6A
CSA C22-2 N.158-1987; E.C.N 584B
PACKAGING
Type
P-N
Pack.
Dim. Pack. (LxHxP)
Weight (Kg)
FV 35/12P
100612
1000
40x20x40
21.0


Similar Description - FV35

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712122 PHOENIX-1712122 Datasheet
75Kb / 5P
PCB terminal block - MKDSF 3/12
1713105 PHOENIX-1713105 Datasheet
61Kb / 5P
PCB terminal block - SMKDS 3/12
1733512 PHOENIX-1733512 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/12
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
1780950 PHOENIX-1780950 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-12
1869169 PHOENIX-1869169 Datasheet
81Kb / 5P
PCB terminal block - SMKDSN 1,5/12
1869318 PHOENIX-1869318 Datasheet
80Kb / 5P
PCB terminal block - SMKDSN 1,5/12-5,08
5442840 PHOENIX-5442840 Datasheet
51Kb / 2P
PCB terminal block - BC-381X9-12 GN
1714308 PHOENIX-1714308 Datasheet
441Kb / 13P
MKDS 3/12-5,08 - PCB terminal block
1930179 PHOENIX-1930179 Datasheet
427Kb / 14P
MKDSN 2,5/12 - PCB terminal block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com