Electronic Components Datasheet Search
  English  ▼

X  

PP001055 Datasheet(PDF) 2 Page - Multicomp Pro

Part # PP001055
Description  H05Z-K / H07Z-K BS EN 50525-3-41 LSZH Wire
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001055 Datasheet(HTML) 2 Page - Multicomp Pro

  PP001055 Datasheet HTML 1Page - Multicomp Pro PP001055 Datasheet HTML 2Page - Multicomp Pro PP001055 Datasheet HTML 3Page - Multicomp Pro PP001055 Datasheet HTML 4Page - Multicomp Pro PP001055 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
08/05/20
H05Z-K / H07Z-K
BS EN 50525-3-41 LSZH Wire
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
6701B – H07Z-K
Part Number
Colour
Nominal Cross
Sectional Area
mm²
Thickness of
Insulation
mm
Nominal Overall Diameter
Min. Resistance of
Insulation at 90°C
MΩ/km
Lower Limit
mm
Upper Limit
mm
PP000433
Black
1.5
0.7
2.8
3.5
0.01
PP000434
2.5
0.8
3.4
4.3
0.009
PP001062
10
1
5.7
7.1
0.0056
PP001063
16
1
6.7
8.4
0.0046
PP000438
Blue
1.5
0.7
2.8
3.5
0.01
PP000439
2.5
0.8
3.4
4.3
0.009
PP000440
6
0.8
4.4
5.5
0.006
PP001054
10
1
5.7
7.1
0.0056
PP001055
16
1
6.7
8.4
0.0046
PP000443
Brown
1.5
0.7
2.8
3.5
0.01
PP000444
2.5
0.8
3.4
4.3
0.009
PP001058
10
1
5.7
7.1
0.0056
PP001059
16
1
6.7
8.4
0.0046
PP000447
Green/Yellow
1.5
0.7
2.8
3.5
0.01
PP000448
2.5
0.8
3.4
4.3
0.009
PP000450
6
0.8
4.4
5.5
0.006
PP001060
10
1
5.7
7.1
0.0056
PP001061
16
1
6.7
8.4
0.0046
PP001056
Grey
10
1
5.7
7.1
0.0056
PP001057
16
1
6.7
8.4
0.0046
Part Number
Colour
Nominal Cross
Sectional Area
mm²
Thickness of
Insulation
mm
Nominal Overall Diameter
Min. Resistance of
Insulation at 90°C
MΩ/km
Lower Limit
mm
Upper Limit
mm
PP000445
Brown
0.75
0.6
2.2
2.8
0.011
PP000442
1
0.6
2.4
2.9
0.01
PP000449
Green/Yellow
0.5
0.6
1.9
2.4
0.015
PP000451
0.75
0.6
2.2
2.8
0.011
PP000446
1
0.6
2.4
2.9
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com