Electronic Components Datasheet Search
  English  ▼

X  

MLX90248 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90248
Description  Micropower & Omnipolar Hall Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90248 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90248 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90248 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MLX90248
Micropower & Omnipolar™
™
™
™ Hall Switch
3901090248
Page 3 of 11
Data Sheet
Rev 012
Sept/06
3 Glossary of Terms
Gauss, milliTesla (mT),
Units of magnetic flux density :
10 Gauss = 1mT
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage (operating)
VDD
5
V
Supply Current
IDD
5
mA
Output Voltage
VOUT
5
V
Output Current
IOUT
5
mA
Operating Temperature Range
TA
-40 to 85
°C
Storage Temperature Range
TS
-50 to 150
°C
ESD Sensitivity (1)
-
5000
V
Table 1: Absolute maximum ratings
Note 1: Human Body Model according JESD22-A114 standard – 100pF capacitor discharged through 1.5kΩ resistor into each pin.
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
5 Pin Definitions and Descriptions
SE Package
LD Package
Pin Name
Function
Pin № (SE)
Pin № (LD)
VDD
Power Supply
1
2
GND
Ground
3
3,4
OUT
Output (Open Drain)
2
5
NC
Not Connected
-
1,6
Table 2: Pin definitions and descriptions
Note : Exposed Pad on LD package is connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com