Electronic Components Datasheet Search
  English  ▼

X  

MLX90251 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90251
Description  Programmable Linear Hall Effect Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90251 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90251 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90251 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MLX90251
Programmable Linear Hall Effect Sensor
3901090251
Page 13 of 22
Data Sheet
Rev 009
Nov/06
TempCo Range (ppm / °C)
Accuracy (ppm / °C)
0 to 500
± 100
500 to 1200
± 150
1200 to 2000
± 200
Table 12: TempCo Accuracy
Note: The budget error of the whole system, the compensation mismatch (system Vs. IC) tolerance should be
taken into consideration during the design. Table 11 is valid for Rough Gain within the specified option code.
See section 10.4 for information on selecting the option code.
10.9 Diagnostic Output Level (FAULTLEV)
The MLX90251 EEPROM memory content is secured through a parity check. This self-diagnostic feature
brings the output to a defined range in case of a parity error. The parameter, FAULTLEV, is used to define
the parity error diagnostic state. With the FAULTLEV set to 0 a parity error event will result in an output
diagnostic voltage low. With the FAULTLEV set to 1 a parity error event will result in an output diagnostic
voltage high. To get rid of the output load influence the output diagnostic voltage level can be fixed to either
Ground (to be used with pull-down load) or VDD (to be used with pull-up load). Melexis PTC software and
hardware tools have built in functions for calculating and programming the parity.
Note: The MLX90251 EEPROM is also redundant. Each parameter bit is written in three separate cells and a
“majority voting” is applied to determine its status. A parity error is detected only if two out of the three cells
unexpectedly change state. The bits available for the customer ID are not redundant.
10.10 The EEPROM, Parity, and Melexis CRC
The memory cells of the EEPROM are arranged in a table of four columns and one hundred twenty eight
rows. This configuration gives redundancy to the parameters stored in the EEPROM. Each parameter bit is
written in three separate cells in an individual row. A majority voting applied to the three cells determines the
logic status of the bit.
A parameter bit only toggles state in error if two out of three memory cells, within a row, unexpectedly
change. If this happens the feature, PARITY, forces the output voltage to the FAULTLEV diagnostic level.
This ensures the device does not operate with a critical memory fault.
The remaining memory cells are used for data storage. The status of these cells does not effect the device
operation. For example the Customer ID, CUSTID, is stored in this area. Melexis stores the device ID
information, TempCo look-up table and CRC bits in the extra cells. The CRC bits ensure the integrity of the
Melexis data.
Note: To avoid parity and CRC errors, the entire contents of the EEPROM must be read before
programming. Melexis PTC software and hardware tools have built in functions for reading the EEPROM and
handling parity.
10.11 Output Amplifier Configuration (MODE)
The output buffer can be configured to accommodate capacitive loads and improve the saturation voltage
(output swing). The two bit parameter, MODE, sets the current capacity of the output amplifier. Melexis sets
this parameter to 1 at final test. This parameter is not used by the end customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com