Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA851
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA851 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA851 Datasheet HTML 8Page - Texas Instruments INA851 Datasheet HTML 9Page - Texas Instruments INA851 Datasheet HTML 10Page - Texas Instruments INA851 Datasheet HTML 11Page - Texas Instruments INA851 Datasheet HTML 12Page - Texas Instruments INA851 Datasheet HTML 13Page - Texas Instruments INA851 Datasheet HTML 14Page - Texas Instruments INA851 Datasheet HTML 15Page - Texas Instruments INA851 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Frequency (Hz)
40
50
60
70
80
90
100
10m
100m
1
10
100
1k
10k
100k
1M
1 k
Source Imbalance
No Source Imbalance
Typical unit shown
G = 1V/V
Figure 6-19. CMRR vs Frequency (Unbalanced)
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
0
20
40
Typical Unit shown
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
Typical unit shown
.
Figure 6-20. CMRR vs Temperature
Input Bias Current (nA)
0
10
20
30
40
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
N = 700
Mean = –0.353nA
Std. dev. = 0.238nA
G = 1V/V
Figure 6-21. Distribution of Input Bias Current
Input Bias Current (nA)
0
10
20
30
40
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
N = 36
Mean = –0.325nA
Std. dev. = 0.225nA
G = 1V/V
TA = 85°C
Figure 6-22. Distribution of Input Bias Current
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
Mean
+3
-3
N = 58
1 wafer lot
G = 1V/V
Figure 6-23. Input Bias Current vs Temperature
Input Common-Mode Voltage (V)
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
-40 C
25 C
125 C
Typical unit shown
G = 1V/V
Figure 6-24. Input Bias Current vs VICM
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com