Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA851
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA851 Datasheet(HTML) 3 Page - Texas Instruments

  INA851 Datasheet HTML 1Page - Texas Instruments INA851 Datasheet HTML 2Page - Texas Instruments INA851 Datasheet HTML 3Page - Texas Instruments INA851 Datasheet HTML 4Page - Texas Instruments INA851 Datasheet HTML 5Page - Texas Instruments INA851 Datasheet HTML 6Page - Texas Instruments INA851 Datasheet HTML 7Page - Texas Instruments INA851 Datasheet HTML 8Page - Texas Instruments INA851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
4 Device Comparison Table
DEVICE
OUTPUT TYPE
GAIN (V/V)
BANDWIDTH
(MHz)
SLEW RATE
(V/μs)
NOISE (nV/√Hz)
PGA849
Single-ended
⅛, ¼, ½, 1, 2, 4, 8, 16
10
35
8.6
INA849
Single-ended
G = 1 + 6kΩ / RG
28
35
1
PGA848
Single-ended
½, 1, 2, 5, 10, 20, 50, 100
6.2
43
8.5
PGA854
Differential
½, 1, 2, 5, 10, 20, 50, 100
6.2
45
8.8
PGA855
Differential
⅛, ¼, ½, 1, 2, 4, 8, 16
10
35
7.8
INA851
Differential
G = 1 + 6kΩ / RG
22
37
3.2
INA821
Single-ended
G = 1 + 49.4kΩ / RG
4.7
2
7
INA819
Single-ended
G = 1 + 50kΩ / RG
2
0.9
8
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com