Electronic Components Datasheet Search
  English  ▼

X  

PE48012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE48012
Description  SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE48012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE48012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE48012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE48012 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Engineer’s Immediate RF Source
+1 (866) 558-2786 | sales@pasternack.com | pasternack.com
1
© 2025 Infinite Electronics, Inc. Pasternack is a registered trademark of Infinite Electronics, Inc.
SMB Jack Connector Crimp Attachment for PE-
C195, PE-P195, LMR-195, 0.195 Inch Cable
PE48012
Configuration
• SMB Jack Connector
• MIL-STD-202
• 50 Ohms
• Straight Body Geometry
• Connector Interface Types: PE-C195, PE-P195, LMR-195, 0.195
Inch cable
Features
• Max. Operating Frequency 3 GHz
• Excellent VSWR of 1.2:1
• Gold over Nickel over Copper Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
Description
Pasternack's PE48012 SMB Jack Connector Crimp Attachment for PE-C195, PE-P195, LMR-195 and 0.195 Inch Cable is part of our full
line of RF components available for same-day shipping. Our SMB jack connector operates up to a maximum frequency of 3 GHz and offers
excellent VSWR of 1.2:1.
Our SMB jack connector PE48012 datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s broad
catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however
they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly configuration, Pasternack has
the right connector for the job. Pasternack can also expertly build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.2:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Inner Conductor DC Resistance
5
mOhms
Outer Conductor DC Resistance
2.5
mOhms
Insulation Resistance
10,000
MOhms
Impedance
50
Ohms
Electrical Specification Notes:
Insertion loss is = 0.1*SQRT(FGHz) dB
Mechanical Specifications
Size
Length
0.173 in [4.39 mm]
Width
0.173 in [4.39 mm]
Height
0.87 in [22.1 mm]
Weight
0.007 lbs [3.18 g]
Mating Cycles
500 Cycles
Mating Torque
1.8 to 14.2 in-lbs [0.20 to 1.60 Nm]
Cable Retention Force
4 lbs [1.81 kg]


Similar Part No. - PE48012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
PE48014 PASTERNACK-PE48014 Datasheet
280Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-240 Cable
A
PE48015 PASTERNACK-PE48015 Datasheet
285Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
More results

Similar Description - PE48012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE45064 PASTERNACK-PE45064 Datasheet
375Kb / 3P
BNC Female Bulkhead Mount Isolated Ground Connector Crimp - Crimp Attachment for RG58, PE-C195, PE-P195, LMR-195
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com