Electronic Components Datasheet Search
  English  ▼

X  

PE48014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE48014
Description  SMB Jack Right Angle Connector Crimp Attachment for LMR-240 Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE48014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE48014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE48014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE48014 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Engineer’s Immediate RF Source
+1 (866) 558-2786 | sales@pasternack.com | pasternack.com
1
© 2025 Infinite Electronics, Inc. Pasternack is a registered trademark of Infinite Electronics, Inc.
SMB Jack Right Angle Connector Crimp
Attachment for LMR-240 Cable
PE48014
Configuration
• SMB Jack Connector
• MIL-STD-202
• 50 Ohms
• Right Angle Body Geometry
• Connector Interface Types: LMR-240
Features
• Max. Operating Frequency 4 GHz
• Excellent VSWR of 1.2:1
• Gold over Nickel over Copper Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
Description
Pasternack's PE48014 Right Angle SMB Jack Connector Crimp Attachment for LMR-240 Cable, is part of our full line of RF components
available for same-day shipping. Our SMB jack connector operates up to a maximum frequency of 4 GHz and offers excellent VSWR of
1.2:1. Its right angle body geometry allows for easier connections in tight spaces.
Our SMB jack right angle connector PE48014 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly
configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom cable assemblies for you and
ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.2:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Inner Conductor DC Resistance
5
mOhms
Outer Conductor DC Resistance
2.5
mOhms
Insulation Resistance
10,000
MOhms
Impedance
50
Ohms
Electrical Specification Notes:
Insertion loss is = 0.1*SQRT(FGHz) dB
Mechanical Specifications
Size
Length
0.606 in [15.39 mm]
Width
0.606 in [15.39 mm]
Height
0.622 in [15.8 mm]
Weight
0.021 lbs [9.53 g]


Similar Part No. - PE48014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
PE48015 PASTERNACK-PE48015 Datasheet
285Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
More results

Similar Description - PE48014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44094 PASTERNACK-PE44094 Datasheet
85Kb / 1P
SMB JACK BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4926 PASTERNACK-PE4926 Datasheet
300Kb / 2P
SMB Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4096 PASTERNACK-PE4096_16 Datasheet
396Kb / 3P
SMB Jack Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4284 PASTERNACK-PE4284_16 Datasheet
317Kb / 3P
SMB Jack Right Angle Bulkhead Mount Connector Solder Attachment
PE4522 PASTERNACK-PE4522_16 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com