Electronic Components Datasheet Search
  English  ▼

X  

PE48015 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE48015
Description  SMB Jack Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE48015 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE48015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE48015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE48015 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Engineer’s Immediate RF Source
+1 (866) 558-2786 | sales@pasternack.com | pasternack.com
2
© 2025 Infinite Electronics, Inc. Pasternack is a registered trademark of Infinite Electronics, Inc.
SMB Jack Right Angle Connector Crimp Attachment
for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
PE48015
Cable Retention Force
4 lbs [1.81 kg]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold over Nickel over Copper
Insulation
PTFE
Body
Brass
Gold over Nickel over Copper
Crimp Sleeve
Brass
Gold over Nickel over Copper
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Humidity
MIL-STD-202, Method 106
Shock
MIL-STD-202, Method 107, Condition B
Salt Spray
MIL-STD-202, Method 101, Condition B
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMB Jack Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: SMB Jack Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable PE48015
URL: https://www.pasternack.com/smb-jack-pe-c195-pe-p195-0.195-cable-connector-pe48015.html
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications
to the part and/or the documentation of the part in order to impliment improvements. Pasternack Enterprises reserves the right to make such changes as required. Unless otherwise
stated, all specifications are nominal. Pasternack Enterprises does not make any representation or warranty regarding the suitability of the part described herein for any particular
purpose, and Pasternack Enterprises does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com