Electronic Components Datasheet Search
  English  ▼

X  

PE48020 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE48020
Description  SMB Plug Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE48020 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE48020 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE48020 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE48020 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Engineer’s Immediate RF Source
+1 (866) 558-2786 | sales@pasternack.com | pasternack.com
1
© 2025 Infinite Electronics, Inc. Pasternack is a registered trademark of Infinite Electronics, Inc.
SMB Plug Right Angle Connector Crimp Attachment
for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
PE48020
Configuration
• SMB Plug Connector
• MIL-STD-202
• 50 Ohms
• Right Angle Body Geometry
• Connector Interface Types: LMR-100, PE-B100, PE-C100, 0.100
Inch cable
Features
• Max. Operating Frequency 4 GHz
• Excellent VSWR of 1.25:1
• Gold over Nickel over Copper Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
Description
Pasternack's PE48020 Right Angle SMB Plug Connector Crimp Attachment for LMR-100, PE-B100, PE-C100 and 0.100 Inch Cable is part
of our full line of RF components available for same-day shipping. Our SMB plug connector operates up to a maximum frequency of 4 GHz
and offers excellent VSWR of 1.25:1. Its right angle body geometry allows for easier connections in tight spaces.
Our SMB plug right angle connector PE48020 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly
configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom cable assemblies for you and
ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.25:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Inner Conductor DC Resistance
5
mOhms
Outer Conductor DC Resistance
2.5
mOhms
Insulation Resistance
10,000
MOhms
Impedance
50
Ohms
Electrical Specification Notes:
Insertion loss is = 0.1*SQRT(FGHz) dB
Mechanical Specifications
Size
Length
0.49 in [12.45 mm]
Width
0.49 in [12.45 mm]
Height
0.522 in [13.26 mm]
Weight
0.006 lbs [2.72 g]
Mating Cycles
500 Cycles
Mating Torque
1.8 to 14.2 in-lbs [0.20 to 1.60 Nm]


Similar Part No. - PE48020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE48021 PASTERNACK-PE48021 Datasheet
284Kb / 3P
SMB Plug Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48022 PASTERNACK-PE48022 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48024 PASTERNACK-PE48024 Datasheet
294Kb / 3P
RP-TNC Jack Bulkhead Mount for RG213, RG8, RG215, RG213HV, LMR-400-FR, LMR-LW400, TCOM-400, LMR-400-LLPX, PE-B400, PE-B405
A
More results

Similar Description - PE48020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34488 PASTERNACK-PE34488 Datasheet
110Kb / 1P
CABLE ASSEMBLY PE-B100 SMB PLUG TO SMB PLUG
PE34490 PASTERNACK-PE34490 Datasheet
114Kb / 1P
CABLE ASSEMBLY PE-B100 SMB PLUG TO SMB PLUG RIGHT ANGLE
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE4358 PASTERNACK-PE4358 Datasheet
206Kb / 2P
SMB Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE34465 PASTERNACK-PE34465 Datasheet
117Kb / 1P
CABLE ASSEMBLY, PE-B100, SMB PLUG RIGHT ANGLE TO SMB PLUG RIGHT ANGLE
PE34479 PASTERNACK-PE34479 Datasheet
119Kb / 1P
CABLE ASSEMBLY, PE-B100, SMB PLUG RIGHT ANGLE TO SMB JACK BULKHEAD
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com