Electronic Components Datasheet Search
  English  ▼

X  

PE48024 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE48024
Description  RP-TNC Jack Bulkhead Mount for RG213, RG8, RG215, RG213HV, LMR-400-FR, LMR-LW400, TCOM-400, LMR-400-LLPX, PE-B400, PE-B405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE48024 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE48024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE48024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE48024 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Engineer’s Immediate RF Source
+1 (866) 558-2786 | sales@pasternack.com | pasternack.com
1
© 2025 Infinite Electronics, Inc. Pasternack is a registered trademark of Infinite Electronics, Inc.
RP-TNC Jack Bulkhead Mount for RG213, RG8,
RG215, RG213HV, LMR-400-FR, LMR-LW400,
TCOM-400, LMR-400-LLPX, PE-B400, PE-B405
PE48024
Configuration
• TNC Jack Reverse Polarity Connector
• 50 Ohms
• Straight Body Geometry
• Connector Interface Types: RG213, RG8, RG215, RG213HV,
LMR-400-FR, LMR-LW400, TCOM-400, LMR-400-LLPX, PE-
B400, PE-B405
• Bulkhead
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• Reverse Polarity
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
Description
Pasternack's PE48024 RP TNC Jack Bulkhead Mount Connector for RG213, RG8, RG215, RG213HV, LMR-400-FR, LMR-LW400, TCOM-
400, LMR-400-LLPX, PE-B400 and PE-B405 Cable is part of our full line of RF components available for same-day shipping. The jack
reverse polarity configuration uses a jack connector body with an inner contact pin. Our TNC jack connector operates up to a maximum
frequency of 11 GHz. This TNC bulkhead connector allows designers to create external connections on their product enclosures, and can be
used in a variety of other rack mount and panel mount applications.
Our reverse polarity TNC jack bulkhead connector PE48024 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly
configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom cable assemblies for you and
ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Insertion Loss
0.2
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Impedance
50
Ohms
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width
0.69 in [17.53 mm]
Height
0.69 in [17.53 mm]
Mating Torque
15 in-lbs [[1.70 Nm]]


Similar Part No. - PE48024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE48020 PASTERNACK-PE48020 Datasheet
283Kb / 3P
SMB Plug Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
PE48021 PASTERNACK-PE48021 Datasheet
284Kb / 3P
SMB Plug Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48022 PASTERNACK-PE48022 Datasheet
289Kb / 3P
SMB Plug Right Angle Connector Crimp Attachment for PE-C195, PE-P195, LMR-195, 0.195 Inch Cable
A
More results

Similar Description - PE48024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73276-0161 MOLEX11-73276-0161 Datasheet
40Kb / 1P
50 Ohms, N Jack Bulkhead for LMR-400 Cable
logo
Pasternack Enterprises,...
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
logo
Molex Electronics Ltd.
0732760161 MOLEX11-0732760161 Datasheet
36Kb / 1P
50 Ohms, N Jack Bulkhead for LMR-400 Cable
logo
Pasternack Enterprises,...
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
logo
Molex Electronics Ltd.
0732760161 MOLEX-0732760161_V01 Datasheet
37Kb / 1P
50 Ohms, N Jack Bulkhead for LMR-400 Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com