Electronic Components Datasheet Search
  English  ▼

X  

FC68113 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FC68113
Description  2.5mm and 3.5mm Mono and Stereo Jack Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FC68113 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FC68113 Datasheet HTML 1Page - Electronic Components Ltd. FC68113 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF 2.5mm and 3.5mm Mono
and Stereo Jack Sockets
The
CLIFF
® range of 2.5mm and 3.5mm Jack Sockets are available with unswitched, switched or
make contacts and with a choice of solder tag or PCB mounting versions. S6 sockets are
produced in accordance with DIN dimensions and are designed for use with our P5/P6 plugs.
Many products of Far Eastern origin have Jack Plugs that vary in tip size and we therefore suggest
using either our JY series or S6 Special ‘C’ Contact Jacks, for these particular applications.
JYO-29 mono
switched low profile
2.5mm Jack Socket.
Right Angle PCB
mounting.
JYO-29 (FC68102)
JYO-26 mono
switched 2.5mm
Jack. Right Angle
PCB mounting
with ring nut.
Thread-less nose
version JYO-26A.
JYO-26 (FC6811)
JYO-26A (FC68113)
JYO-35 mono
switched 3.5mm
Jack Socket. Panel
mounting with
solder tags.
Supplied with ring
nut.
JYO-35 (FC6812)
JYO-25 mono
switched 2.5mm
Jack Socket. Panel
mounting with
solder tags.
Supplied with ring
nut.
JYO-25 (FC6810)
PC LAYOUT
PC LAYOUT
Cliff Electronic Components, Ltd.
76 Holmethorpe Avenue, Holmethorpe Ind. Est.
Redhill, Surrey RH1 2PF. England
Tel: +44 (0) 1737 771375
Fax: +44 (0) 1737 766012
Email: sales@cliffuk.co.uk
Visit us online at:
www .c liffuk.co.uk


Similar Part No. - FC68113

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC68105 CLIFF-FC68105 Datasheet
499Kb / 1P
LOW PROFILE 2.5mm JACK PCB
15/11/17
FC68122C CLIFF-FC68122C Datasheet
1Mb / 2P
3.5mm 4 Pole Jack Sockets & Plugs
FC68122C CLIFF-FC68122C Datasheet
1Mb / 3P
3.5mm 4 Pole Jack Sockets & Plugs
FC68124 CLIFF-FC68124 Datasheet
594Kb / 1P
3.5mm 4 Pole Jack Sockets
FC68124 CLIFF-FC68124 Datasheet
1Mb / 2P
3.5mm 4 Pole Jack Sockets & Plugs
More results

Similar Description - FC68113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
2.5mm AUDIO JACK-MONO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com