Electronic Components Datasheet Search
  English  ▼

X  

CL1382 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # CL1382
Description  2.5mm and 3.5mm Mono and Stereo Jack Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CL1382 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  CL1382 Datasheet HTML 1Page - Electronic Components Ltd. CL1382 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLIFF
2.5mm and 3.5mm Mono
and Stereo Jack Sockets
JYO-39-3P stereo
unswitched 3.5mm
Jack Socket.
JYO-39-5P stereo
switched version.
Right angle PCB
mounting.
JYO-39-3P (FC68131)
JYO-39-5P (FC68133)
JYS-35 stereo
switched 3.5mm
Jack Socket.
Right angle PCB
mounting.
Supplied with
ring nut.
JYS-35 (FT6320)
S6/BB mono
switched 3.5mm
Jack Socket. Panel
mounting with solder
tags. Also available
with Special ‘C’
Contact to suit Far
Eastern plugs.
S6/BB (CL1382)
S6/BB PC mono
switched 3.5mm Jack
Socket. Right angle
PCB mounting. Also
available with
Special ‘C’ Contact to
suit Far Eastern
plugs.
S6/BB PC (CL1384)
JYO-36A mono
switched 3.5mm
Jack Socket.
Stand-off right
angle PCB
mounting with
threadless nose.
JYO-36A (FC68130)
JYO-39-5P shown
PC LAYOUT
PC LAYOUT
PC LAYOUT
PC LAYOUT
Supplied with Nickel Plated Hex Nut.
Supplied with Nickel Plated Hex Nut.
Refer to Sales Office for SMD versions.
Drawings available on request. Contact sales@cliffuk.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com