Electronic Components Datasheet Search
  English  ▼

X  

559 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 559
Description  5mm LED Panel Mount Indicator High and Ultra Bright LEDs .250” Mounting Hole, Snap In Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559 Datasheet(HTML) 1 Page - Dialight Corporation

  559 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5mm
LED Panel Mount Indicator
High and Ultra Bright LEDs
.250” Mounting Hole, Snap In Mounting
559 Series
Dialight
559-5501-00x
R
1,3,7
635
125
20
2.2
3
5
24
30
-55/+100
-55/+100
559-5601-00x
G
1,3,7
565
120
20
2.3
3
5
24
30
-20/+100
-55/+100
559-5701-00x
Y
1,3,7
583
140
20
2.2
3
5
24
20
-55/+100
-55/+100
559-5801-00x
O
1,3,7
605
90
20
2.2
2.5
4
20
50
-30/+85
-30/+100
HIGH BRIGHT, NON-TINTED, NON-DIFFUSED (WATER CLEAR) LED
559-5901-00x
A
1,3,7
592
3100
20
2.02
2.4
5
15
50
-40/+100
-40/+120
559-6001-00x
B
1,3,7
470
650
20
3.6
4
5
30
30
-30/+80
-30/+100
559-6101-00x
R
1,3,7
635
2100
20
1.9
2.4
5
15
50
-40/+100
-40/+120
559-6201-00x
G
1,3,7
525
2200
20
3.5
4
5
30
30
-30/+80
-30/+100
559-6301-00x
O
1,3,7
605
1300
20
1.9
2.4
5
15
45
-40/+100
-55/+100
559-6401-00x
W
1,3,7
*
600
20
3.5
4
5
45
30
-20/+80
-30/+100
ULTRA BRIGHT, NON-TINTED, NON-DIFFUSED (WATER CLEAR) LED
*WHITE COLOR CORDINATES:
MIN
MAX
X
0.23
0.39
Y
0.22
0.42
BENEFITS
• Available with a variety of LEDs
• Designed for quick positive insertions in panels from
.787mm [.031] through 1.57mm [.062] thick. Recommended
hole size from 6.32mm [.249] to 6.40mm [.252].
• Front panel mounting
• Uniform illumination
• Snap-in mounting requires no additional hardware
• IC compatible
• Housing meets UL94V-0
• High reliability - 100,000 hour life
• Black housing enhances LED contrast
• Straight terminals suitable for wire-wrapping
CUSTOM CAPABILITIES
Connectors and terminals can be added to wire leads
559
XXXX
00X
Termination Option
1 = Straight Terminals
3 = 6” Wire Leads
7 = 14” Wire Leads
PART NUMBER ORDERING CODE
Series
–
–
COLOR CODES:
A
Amber
R
Red
G
Green
Y
Yellow
O
Orange
W
White
B
Blue
Dialight Corporation • 1501 State Route 34 • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 • www.dialight.com
Typical Operating Characteristics (TA=25°C)
Absolute
HIGH BRIGHT, DIFFUSED LED
Maximum Ratings
7.41
[.281]
15.88
[.625]
5.33
[.210]
7.62
[ .300 ]
.46/.69
[.018/.02]
SQ.
3.18
[.125]
CATHODE
LEAD ( – )
12.70
[.500]
1.47
[.058]
3.18
[.125]
355.60
[14.0]
NOTE: WIRE LEAD COLORS RED (ANODE)
& BLACK (CATHODE)
7.41
[.281]
STRAIGHT TERMINALS – TERMINAL OPTION 1
24 AWG WIRE LEADS – TERMINAL OPTION 3 FOR 6”
TERMINAL OPTION 7 FOR 14”
MAX
MAX
MIN
1.27
[.050]
Peak
Min
Viewing
Forward
Temperature °C
Part
Termination
Wavelength
lv
If
Vf
Reverse
Angle
Current
Number
Color
Options
(nm)
(mcd)
(mA)
Typ
Max
Voltage
2
Θ1/2
(mA)
Operating
Storage
559-5101-00x
R
1,3,7
650
34
20
2.1
2.55
3
50
25
-55/+100
-55/+100
559-5201-00x
G
1,3,7
563
34
20
2.2
3
3
50
25
-55/+100
-55/+100
559-5301-00x
Y
1,3,7
583
34
20
2.2
3
3
50
25
-55/+100
-55/+100
559-5401-00x
O
1,3,7
610
34
20
2.2
3
3
50
25
-25/+85
-30/+100
Example


Similar Part No. - 559

ManufacturerPart #DatasheetDescription
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
559 MALLORY-559 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
France Joint
559 FRANCEJOINT-559 Datasheet
837Kb / 4P
PISTON SEALS
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
559 ADAFRUIT-559 Datasheet
363Kb / 3P
Rugged Metal Pushbutton with Red LED Ring - 16mm Red Momentary
7-20-18
More results

Similar Description - 559

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
logo
Dialight Corporation
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
LED Panel Mount Indicators for 5mm Mounting Hole
559-5501-001F DIALIGHT-559-5501-001F_12 Datasheet
206Kb / 2P
559 Series Snap-in LED - .250??Mounting Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com