Electronic Components Datasheet Search
  English  ▼

X  

64120 Datasheet(PDF) 1 Page - Presto International UK Limited

Part # 64120
Description  CIRCULAR SPLIT DIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

64120 Datasheet(HTML) 1 Page - Presto International UK Limited

  64120 Datasheet HTML 1Page - Presto International UK Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DE
Nom
Pitch
64 100 64 200
dia
Availability
in
in
mm
mm
LH
DE
Nom
Pitch
64 110
dia
Availability
in
in
mm
mm
DE
No./
tpi
64 120 64 220
Nominal
Availability
dia
in
in
in
in
LH
HIGH
SPEED
S
TEEL
SCREWING
DIES
CIRCUL AR
SPLIT
DIES
* ISO Metric Fine Preferred thread size
Plain Adjustable
BS 1127 (1950)
122
–
–
–
–
–
–
–
–
–
•
•
•
•
–
–
–
•
•
–
•
–
•
–
•
–
–
–
–
–
–
–
–
–
–
–
–
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
13/16
1/4
1
64
13/16
1/4
2
56
13/16
1/4
3
48
13/16
1/4
4
40
13/16
1/4
5
40
13/16
1/4
6
32
13/16
1/4
8
32
13/16
1/4
10
24
13/16
1/4
12
24
13/16
1/4
1/4
20
13/8
1/4
20
13/8
5/16
18
13/8
3/8
16
1.5/16
7/16
1/4
20
1.5/16
7/16
5/16
18
1.5/16
7/16
3/8
16
1.5/16
7/16
7/16
14
1.5/16
7/16
1/2
13
1.5/16
7/16
9/16
12
1.1/2
1/2
3/8
16
1.1/2
1/2
7/16
14
1.1/2
1/2
1/2
13
1.1/2
1/2
9/16
12
1.1/2
1/2
5/8
11
1.1/2
1/2
3/4
10
25/8
1/2
13
25/8
9/16
12
25/8
5/8
11
25/8
3/4
10
25/8
7/8
9
25/8
1
8
37/8
1
8
37/8
1.1/8
7
37/8
1.1/4
7
37/8
1.3/8
6
37/8
1.1/2
6
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
13/161/4
*3
0.35
13/161/4
*4
0.50
13/161/4
*4.5
0.50
13/161/4
*5
0.50
13/16
1/4
*6
0.75
13/8
*7
0.75
13/8
8
0.75
13/8
*8
1.00
13/8
91.00
13/8
10
0.75
13/8
10
1.00
13/8
*101.25
1.5/16
7/16
12
1.00
1.5/16
7/16
*121.25
1.5/16
7/16
12
1.50
1.5/16
7/16
14
1.25
1.1/2
1/2
14
1.25
1.1/2
1/2
14
1.50
1.1/2
1/2
16
1.00
1.1/2
1/2
16
1.50
1.1/2
1/2
*18
1.50
1.1/2
1/2
20
1.00
1.1/21/2
20
2.00
25/8
*20
1.50
25/8
*22
1.50
25/8
24
1.50
25/8
*24
2.00
25/8
25
1.50
37/8
*27
2.00
37/8
*30
2.00
37/8
32
1.50
–
–
–
–
–
–
–
•
–
•
–
•
–
–
•
–
•
–
•
–
–
–
–
–
–
•
–
–
–
–
•
•
–
–
–
–
–
•
•
–
–
–
–
–
–
–
–
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
13/161/4
1
0.25
13/161/4
1.2
0.25
13/16
1/4
1.4
0.3
13/161/4
1.6
0.35
13/16
1/4
2
0.4
13/161/4
2.2
0.45
13/161/4
2.5
0.45
13/16
1/4
3
0.5
13/16
1/4
3.5
0.6
13/16
1/4
4
0.7
13/16
1/4
4.5
0.75
13/16
1/4
5
0.8
13/16
1/4
6
1.0
13/16
1/4
7
1.0
13/8
6
1.0
13/8
7
1.0
13/8
81.25
13/8
91.25
13/8
10
1.5
1.5/16
7/16
6
1.0
1.5/16
7/16
7
1.0
1.5/16
7/16
8
1.25
1.5/16
7/16
9
1.25
1.5/16
7/16
10
1.5
1.5/16
7/16
11
1.5
1.5/16
7/16
12
1.75
1.5/16
7/16
14
2.0
1.1/2
1/2
10
1.5
1.1/2
1/2
11
1.5
1.1/2
1/2
12
1.75
1.1/2
1/2
14
2.0
1.1/2
1/2
16
2.0
1.1/2
1/2
18
2.5
1.1/2
1/2
20
2.5
25/8
12
1.75
25/8
14
2.0
25/8
16
2.0
25/8
18
2.5
25/8
20
2.5
25/8
22
2.5
25/8
24
3.0
37/8
24
3.0
37/8
27
3.0
37/8
30
3.5
37/8
33
3.5
37/8
36
4.0
37/8
39
4.0
Metric Coarse 64 100
Range
M1-M39
Metric Coarse Left Hand 64 200
Range
M3-M20
Tolerance Class
6g
Cutting Rake
8˚
Chamfer Lead
1.5 Threads
Finish
Bright
Metric Fine 64 110
Range
M3-M32
Tolerance Class
6g
Cutting Rake
8˚
Chamfer Lead
1.5 Threads
Finish
Bright
UNC/NC 64 120
Range
No. 1-1.1/2"
UNC/NC Left Hand 64 220
Range
1/4"-5/8"
Tolerance Class
2A
Cutting Rake
8˚
Chamfer Lead
1.5 Threads
Finish
Bright


Similar Part No. - 64120

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
64120 PRESTO-64120 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Tyco Electronics
641200 MACOM-641200 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
641200 MACOM-641200 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
logo
TE Connectivity Ltd
641200 TEC-641200 Datasheet
7Mb / 66P
MTA, CST-100 II and SL-156 Connectors
641200 TEC-641200 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 64120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
45442 MACOM-45442 Datasheet
439Kb / 8P
SOLISTRAND Crimping Dies
logo
TE Connectivity Ltd
408-1729 TEC-408-1729 Datasheet
710Kb / 11P
Crimping Dies
408-2292-3 TEC-408-2292-3 Datasheet
900Kb / 6P
Terminal Crimping Dies
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
SOLISTRAND Crimping Dies
logo
Vishay Siliconix
NTCC100E4 VISHAY-NTCC100E4_17 Datasheet
83Kb / 2P
Leadless NTC Thermistor Dies
24-Mar-17
logo
Molex Electronics Ltd.
0011402215 MOLEX-0011402215 Datasheet
33Kb / 1P
Terminator Dies
07/30/2021
0011402261 MOLEX-0011402261 Datasheet
33Kb / 1P
Terminator Dies
07/31/2021
0190780133 MOLEX-0190780133 Datasheet
31Kb / 1P
Hydraulic Crimp Dies
01/25/2022
0190780134 MOLEX-0190780134 Datasheet
29Kb / 1P
Hydraulic Crimp Dies
01/25/2022
0190780176 MOLEX-0190780176 Datasheet
29Kb / 1P
Hydraulic Crimp Dies
01/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com