Electronic Components Datasheet Search
  English  ▼

X  

9921 Datasheet(PDF) 1 Page - Weller Tools

Part # 9921
Description  1/16" x 4" Series 99® Interchangeable Allen® Hex Socket Screw Blade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

9921 Datasheet(HTML) 1 Page - Weller Tools

  9921 Datasheet HTML 1Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/5/2016
Catalog No. 9921 Product Detail
http://www
.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103482983
1/1
Xcelite 
1/16" x 4" Series 99® Interchangeable Allen® Hex Socket Screw Blade
Product Details
Catalog No.
9921
UPC Code
037103482983
Description
Hex Socket
Blade Style
Allen® Hex
Blade/Point Size
1/16 in./1.59 mm
Blade Diameter
1/16 in./1.58 mm
Working Length
4 in./102 mm
Overall Length
4 in./102 mm
Packaging
Industrial
Box/Carton
Low Res. Image
9921_100.jpg
High Res. Image
9921_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Series 99® interchangeable Allen® hex socket screw blade
Inch size
Allen® is a registered trademark of Holo Krane, Technology Corp.


Similar Part No. - 9921

ManufacturerPart #DatasheetDescription
logo
Mascot AS
9921 MASCOT-9921 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Amphenol Corporation
9921-40001 AMPHENOL-9921-40001 Datasheet
138Kb / 1P
HIGH FREQ FEMALE BLIND-MATE FOR M38999 SIZE 16 CAVITY
logo
Amphenol SV Microwave
9921-40001 SVMICROWAVE-9921-40001 Datasheet
138Kb / 1P
HIGH FREQ FEMALE BLIND-MATE FOR M38999 SIZE 16 CAVITY
REV.A 07/12
More results

Similar Description - 9921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9922BP ETC2-9922BP Datasheet
92Kb / 1P
Series 99짰 Ballpoint Allen짰 Hex Socket Screw Blade
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
logo
Western Digital Corpora...
SDCZ50-002G-A11 WESTERN-SDCZ50-002G-A11 Datasheet
481Kb / 2P
SanDisk® Cruzer® Blade™ USB flash drive
Rev. 2, 12/10
logo
Advantech Co., Ltd.
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com