Electronic Components Datasheet Search
  English  ▼

X  

AD8215 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8215
Description  High Voltage, Curren Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8215 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8215 Datasheet HTML 5Page - Analog Devices AD8215 Datasheet HTML 6Page - Analog Devices AD8215 Datasheet HTML 7Page - Analog Devices AD8215 Datasheet HTML 8Page - Analog Devices AD8215 Datasheet HTML 9Page - Analog Devices AD8215 Datasheet HTML 10Page - Analog Devices AD8215 Datasheet HTML 11Page - Analog Devices AD8215 Datasheet HTML 12Page - Analog Devices AD8215 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8215
Rev. 0 | Page 9 of 16
0
0.4
0.8
1.2
1.6
2.0
0
1
2
3
4
5
6
7
8
9
10
11
12
OUTPUT SINK CURRENT (mA)
Figure 22. Output Voltage Range from GND vs. Output Sink Current
VOS (mV)
0
–2
0
–1
1
2
500
1000
1500
2000
2500
3000
3500
+125°C
+25°C
–40°C
Figure 23. Offset Distribution
GAIN DRIFT (ppm/°C)
0
–2
–4
–6
–8
–10
–12
–14
–16
0
300
600
900
1200
1500
1800
2100
2400
Figure 24. Gain Drift Distribution
OFFSET DRIFT (µV/°C)
0
15
10
5
0
–5
–10
–15
–20
20
200
400
600
800
1000
1200
1400
1600
Figure 25. Offset Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com