Electronic Components Datasheet Search
  English  ▼

X  

EU01Z Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # EU01Z
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EU01Z Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  EU01Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EU01Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffused junction
MECHANICAL DATA
Case: JEDEC DO-41, molded plastic
Method 208
Mounting: Any
Ratings at 25
ambient tem perature unless otherwis e s pecified.
Single phas e,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectified current
9.5mm lead length
@T
A=75
Peak forw ard surge current
10ms single half-sine-w ave
superimplsed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 0.25A
VF
V
Maximum reverse current
@T
A=25
at Rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MHZ and applied rev erse of 4.0V DC.
15.0
2.5
3. Themal resistance f rom junction to ambient.
- 55 ----- + 150
10.0
150.0
100
- 55 ----- + 150
20
15
EU01Z(Z)---EU01A(Z)
280
400
600
420
UNITS
EU01Z
EU01A
EU01
High current capability
Polarity: Color band denotes cathode
Weight: 0.012 ounces, 0.34 grams
200
sim ilar solvents
Eas ily cleaned with freon, Alcohol, lsopropand and
Term inals: Axial leads,solderable per MIL-STD-202,
Note: 1. Measured with I
F=0.5A, IR=1A, I rr=0.25A.
140
IFSM
IF(AV)
20
400
A
A
A
0.25
GALAXY ELECTRICAL
200
IR
600
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE: 200--- 600 V
CURRENT: 0.25A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 41
Low leakage
Low forward voltage drop
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0262032
1.


Similar Part No. - EU01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU01Z SANKEN-EU01Z Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Shenzhen Luguang Electr...
EU01Z LUGUANG-EU01Z Datasheet
172Kb / 2P
High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
EU01Z SUNMATE-EU01Z Datasheet
539Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
EU01Z DSK-EU01Z Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - EU01Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com