Electronic Components Datasheet Search
  English  ▼

X  

ADL5571 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5571
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571 Datasheet(HTML) 3 Page - Analog Devices

  ADL5571 Datasheet HTML 1Page - Analog Devices ADL5571 Datasheet HTML 2Page - Analog Devices ADL5571 Datasheet HTML 3Page - Analog Devices ADL5571 Datasheet HTML 4Page - Analog Devices ADL5571 Datasheet HTML 5Page - Analog Devices ADL5571 Datasheet HTML 6Page - Analog Devices ADL5571 Datasheet HTML 7Page - Analog Devices ADL5571 Datasheet HTML 8Page - Analog Devices ADL5571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADL5571
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 3.3 V
T = 25°C, 1024 FFT, 16 QAM OFDMA modulated carrier, 10 MHz channel BW, f = 2.6 GHz, ZL = 50 Ω, STBY = 0 V, VREG = 2.85 V, 31%
duty cycle, ACPR integration BW = 100 kHz (5.05 MHz offset) or 1 MHz (6.5 MHz, 11 MHz, 15 MHz, and 20.5 MHz offset), unless
otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY RANGE
See Table 5 for tuning details
2.5
2.7
GHz
LINEAR OUTPUT POWER
EVM
≤ 3%
25
dBm
GAIN
29
dB
vs. Frequency
±5 MHz
±0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±2
dB
vs. Supply
3.2 V to 4.2 V
±0.3
dB
OUTPUT P1dB
Unmodulated pulse input
31
dBm
EVM
POUT = 25 dBm
3
% rms
INPUT RETURN LOSS
20
dB
ACPR
POUT = 25 dBm
±5.05 MHz carrier offset
−27
dBm
±6.5 MHz carrier offset
−19
dBm
±11 MHz carrier offset
−24
dBm
±15 MHz carrier offset
−30
dBm
±20.5 MHz carrier offset
−39
dBm
HARMONIC DISTORTION
45
dBc
SUPPLY CURRENT
POUT = 25 dBm
450
mA
QUIESCENT CURRENT
No signal at RF input
135
mA
PAE
POUT = 25 dBm
21
%
STANDBY MODE CURRENT
VREG = 2.85 V, STBY = 2.5 V
9
mA
SLEEP MODE CURRENT
VREG = 0 V
<1
μA
TURN-ON/-OFF TIME
1
μs
VSWR SURVIVABILITY
10:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com