Electronic Components Datasheet Search
  English  ▼

X  

ADL5519 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5519 Datasheet HTML 9Page - Analog Devices ADL5519 Datasheet HTML 10Page - Analog Devices ADL5519 Datasheet HTML 11Page - Analog Devices ADL5519 Datasheet HTML 12Page - Analog Devices ADL5519 Datasheet HTML 13Page - Analog Devices ADL5519 Datasheet HTML 14Page - Analog Devices ADL5519 Datasheet HTML 15Page - Analog Devices ADL5519 Datasheet HTML 16Page - Analog Devices ADL5519 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ADL5519
Rev. 0 | Page 13 of 40
0.20
0.10
0
–0.10
–0.20
0.15
0.05
–0.05
–0.15
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 15. Distribution of [OUTA – OUTB] Voltage Difference over
Temperature for 45 Devices from a Nominal Lot, Frequency = 1.9 GHz,
ADJA, ADJB = 0.5 V, 0.55 V, Sine Wave, Single-Ended Drive
2.0
1.5
0.5
1.0
0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
OUTN
N
P
OUTP
Figure 16. OUTP, OUTN Gain Error and Voltage vs. Input Amplitude at
1.9 GHz, with B Input Held at −30 dBm and A Input Swept, Typical Device,
ADJA, ADJB = 0.5 V, 0.55 V, Sine Wave, Single-Ended Drive,
PINHB = −30 dBm, Channel A Swept
B
2.0
–1.5
–0.5
0.5
1.5
–1.0
0
1.0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 17. Distribution of [OUTP − OUTN] Gain Error and Voltage vs. Input
Amplitude over Temperature, After Ambient Normalization for 45 Devices
from a Nominal Lot, Frequency = 1.9 GHz, ADJA, ADJB = 0.5 V, 0.55 V,
Sine Wave, Single-Ended Drive, PINHB = −30 dBm, Channel A Swept
2.0
0
0.5
1.5
1.0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 18. OUTA, OUTB Voltage and Log Conformance vs. Input Amplitude at
2.2 GHz, Typical Device, ADJA, ADJB = 0.48 V, 0.6 V, Sine Wave,
Single-Ended Drive
2.0
–2.0
–1.0
0
1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 19. Distribution of OUTA, OUTB Error over Temperature After Ambient
Normalization vs. Input Amplitude for at Least 45 Devices from a Nominal Lot,
Frequency = 2.2 GHz, ADJA, ADJB = 0.48 V, 0.6 V, Sine Wave, Single-Ended Drive
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 20. Distribution of [OUTA – OUTB] Voltage Difference over
Temperature for 45 Devices from a Nominal Lot, Frequency = 2.2 GHz,
ADJA, ADJB = 0.48 V, 0.6 V, Sine Wave, Single-Ended Drive
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com