Electronic Components Datasheet Search
  English  ▼

X  

LUP029721 Datasheet(PDF) 1 Page - Glamox

Part # LUP029721
Description  LUN-P250 700 DALI 840 C2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

LUP029721 Datasheet(HTML) 1 Page - Glamox

  LUP029721 Datasheet HTML 1Page - Glamox LUP029721 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
LUN-P250 700 DALI 840 C2
Item No.
LUP029721
GTIN
7040670297211
Stock status code
C
Technical specifications
Sustainability
Country of origin
Estonia
Mounting
Product Mounting
Pendant;Track
General
EPD (Environmental Product Declaration)
true
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.01
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
6.46
Number Of Luminaire MCB 10B
82
Number Of Luminaire MCB 16B
130
Number Of Luminaire MCB 16C
195
Optic
Optic Name
GL - Glass diffuser
Optic main category
Diffuser
Certificates
Certification
ENEC
Technical Data
Maximum TA (ºC)
35
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
738
Number Of Light Source
1
Lumen Per Watt (lm/W)
114
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Energy Class Light Source
C
Driver / Ballast
Type of LED Driver
DALI: Dimming
DALI-2 part 251, 252, 253
true
Number of Driver
1
Lifetime
LED Lifetime L90B50 Ta25 (h)
100 000
Housing
Body Colour
BL - Black
Main Body Colour Name
Black
Dimensions
Height (mm)
266
Diameter (mm)
250
Item Net Weight (kg)
2.116
Termination
Termination
5x2x2.5mm2 Push In
Logistic Data
Item Gross Weight (kg)
2.3


Similar Part No. - LUP029721

ManufacturerPart #DatasheetDescription
logo
Glamox
LUP029720 GLAMOX-LUP029720 Datasheet
218Kb / 2P
LUN-P250 700 DALI 830 C2
LUP029722 GLAMOX-LUP029722 Datasheet
221Kb / 2P
LUN-P300 1000 DALI 830C2
LUP029723 GLAMOX-LUP029723 Datasheet
221Kb / 2P
LUN-P300 1000 DALI 840C2
LUP029724 GLAMOX-LUP029724 Datasheet
225Kb / 2P
LUN-P350 1400 DALI 830C2
LUP029725 GLAMOX-LUP029725 Datasheet
225Kb / 2P
LUN-P350 1400 DALI 840C2
More results

Similar Description - LUP029721

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com