Electronic Components Datasheet Search
  English  ▼

X  

T4FM Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # T4FM
Description  Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

T4FM Datasheet(HTML) 3 Page - Switchcraft, Inc.

  T4FM Datasheet HTML 1Page - Switchcraft, Inc. T4FM Datasheet HTML 2Page - Switchcraft, Inc. T4FM Datasheet HTML 3Page - Switchcraft, Inc. T4FM Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHCRAFT, INC. 5555 N. Elston Ave. • Chicago, IL 60630
123
JACKS AND PLUGS
FAX: 773 792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
PHONO JACKS
PHONO JACKS
Part Number
Description
BPJR01
Rear mount, black insulator
BPJR01AU
Rear mount, black insulator, gold plated
BPJR02
Rear mount, red insulator
BPJR02AU
Rear mount, red insulator, gold plated
BPJR03
Rear mount, white insulator
BPJR03AU
Rear mount, white insulator, gold plated
BPJR04
Rear mount, yellow insulator
BPJR04AU
Rear mount, yellow insulator, gold plated
BPJR05
Rear mount, blue insulator
BPJR05AU
Rear mount, blue insulator, gold plated
BPJR06
Rear mount, green insulator
BPJR06AU
Rear mount, green insulator, gold plated
3501F
Rear mount, rigid plastic mounting flange
3501FR
Rear mount, natural insulator
For insulated mounting, order S1028 and S1029 insulating washers
BPJF01
Front mount, black insulator
BPJF01AU
Front mount, black insulator, gold plated
BPJF02
Front mount, red insulator
BPJF02AU
Front mount, red insulator, gold plated
BPJF03
Front mount, white insulator
BPJF03AU
Front mount, white insulator, gold plated
BPJF04
Front mount, yellow insulator
BPJF04AU
Front mount, yellow insulator, gold plated
Part Number
Description
BPJF05
Front mount, blue insulator
BPJF05AU
Front mount, blue insulator, gold plated
BPJF06
Front mount, green insulator
BPJF06AU
Front mount, green insulator, gold plated
3501FP
Front Mount, natural insulator
3505F
RF version, uses low-loss nylon insulation
For insulated mounting, order S2207 and S1564 insulating washers
BPJJ01
Feed through, black insulator
BPJJ01AU
Feed through, black insulator, gold plated
BPJJ02
Feed through, red insulator
BPJJ02AU
Feed through, red insulator, gold plated
BPJJ03
Feed through, white insulator
BPJJ03AU
Feed through, white insulator, gold plated
BPJJ04
Feed through, yellow insulator
BPJJ04AU
Feed through, yellow insulator, gold plated
BPJJ05
Feed through, blue insulator
BPJJ05AU
Feed through, blue insulator, gold plated
BPJJ06
Feed through, green insulator
BPJJ06AU
Feed through, green insulator, gold plated
3503
Extension jack, shielded handle
3514PC
Vertical PC mount, nickel plated steel bushing
3515PC
Vertical PC mount, ceramic bushing
3517PC
Horizontal PC mount, nickel plated steel bushing
BULKHEAD PHONO JACKS
FEATURES AND BENEFITS
• Front or rear mount configurations
• Durable plated machined brass construction
• All mounting hardware is included
APPLICATIONS
• Audio
• Video
• General Purpose Electronics
OPTIONS
• Front or rear mount solder type receptacles
• Jack to jack bulkhead configuration
• Insulator colors
• Gold or nickel plating
SPECIFICATIONS
Material and Platings Housing:
Nickel or Gold-plated Brass
Contact: Nickel-plated Brass Insulator: ABS
Hardware: Nickel-plated Brass. Switchcraft introduces a
complete line of bulkheadmount phono (RCA) jacks to meet the
most critical audio, audio/video, and general-purpose electronic
applications. These jacks are offered in front and rear mount
solder type as well as jack to jack bulkhead configurations.
These jacks are available with black, white, blue, green, red,
and yellow insulators and nickel or gold plated bodies. All
mounting hardware is included.
Housing: Nickel or gold plated, copper alloy
(3514PC, 3515PC, 3517PC: Nickel plated, steel)
Terminals: Nickel plated, copper alloy (3515PC: Tin plated,
copper alloy)
Bushing: Nickel-plated, copper alloy (3515PC: Ceramic)
Insulators: Thermoplastic
(3517PC: Ceramic and glass filled thermoplastic)
3517PC
BPJR01
BPJF01
BPJJ01
3505F
3503
3501F
3501FP
3501FR
3514PC
3515PC
(See next page for drawings.)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com