Electronic Components Datasheet Search
  English  ▼

X  

RF3315 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3315_1 Datasheet HTML 5Page - RF Micro Devices RF3315_1 Datasheet HTML 6Page - RF Micro Devices RF3315_1 Datasheet HTML 7Page - RF Micro Devices RF3315_1 Datasheet HTML 8Page - RF Micro Devices RF3315_1 Datasheet HTML 9Page - RF Micro Devices RF3315_1 Datasheet HTML 10Page - RF Micro Devices RF3315_1 Datasheet HTML 11Page - RF Micro Devices RF3315_1 Datasheet HTML 12Page - RF Micro Devices RF3315_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF3315
Rev A10 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain versus Frequency Across Temperature,
VCC=5.0V (2GHz Application Frequency)
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C
OIP3 versus Frequency Across Temperature
VCC=5.0V (2GHz Application Frequency)
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C
P1dB versus Frequency Across Temperature
VCC=5.0V (2GHz Application Frequency)
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C
Reverse Isolation versus Frequency Across Temp
VCC=5.0V (2GHz Application Circuit)
-25.0
-24.0
-23.0
-22.0
-21.0
-20.0
-19.0
-18.0
-17.0
-16.0
-15.0
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C
Noise Figure versus Frequency Across Temperature
VCC=5.0V (2GHz Application Circuit)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1750.0 1800.0 1850.0 1900.0 1950.0 2000.0 2050.0 2100.0 2150.0 2200.0 2250.0
Frequency (MHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com