Electronic Components Datasheet Search
  English  ▼

X  

SSM2602 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2602_08 Datasheet HTML 5Page - Analog Devices SSM2602_08 Datasheet HTML 6Page - Analog Devices SSM2602_08 Datasheet HTML 7Page - Analog Devices SSM2602_08 Datasheet HTML 8Page - Analog Devices SSM2602_08 Datasheet HTML 9Page - Analog Devices SSM2602_08 Datasheet HTML 10Page - Analog Devices SSM2602_08 Datasheet HTML 11Page - Analog Devices SSM2602_08 Datasheet HTML 12Page - Analog Devices SSM2602_08 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SSM2602
Rev. 0 | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
MCLK/XTI
2
XTO
3
DCVDD
4
DGND
5
DBVDD
6
CLKOUT
7
BCLK
17 ROUT
18 AVDD
19 AGND
20 VMID
21 MICBIAS
16 LOUT
15 PGND
TOP VIEW
(Not to Scale)
SSM2602
Figure 7. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
MCLK/XTI
Digital Input
Master Clock Input/Crystal Input.
2
XTO
Digital Output
Crystal Output.
3
DCVDD
Digital Supply
Digital Core Supply.
4
DGND
Digital Ground
Digital Ground.
5
DBVDD
Digital Supply
Digital I/O Supply.
6
CLKOUT
Digital Output
Buffered Clock Output.
7
BCLK
Digital Input/Output
Digital Audio Bit Clock.
8
PBDAT
Digital Input
DAC Digital Audio Data Input, Playback Function.
9
PBLRC
Digital Input/Output
DAC Sampling Rate Clock, Playback Function (from Left and Right Channels).
10
RECDAT
Digital Output
ADC Digital Audio Data Output, Record Function.
11
RECLRC
Digital Input/Output
ADC Sampling Rate Clock, Record Function (from Left and Right Channels).
12
HPVDD
Analog Supply
Headphone Supply.
13
LHPOUT
Analog Output
Headphone Output for Left Channel.
14
RHPOUT
Analog Output
Headphone Output for Right Channel.
15
PGND
Analog Ground
Headphone Ground.
16
LOUT
Analog Output
Line Output for Left Channel.
17
ROUT
Analog Output
Line Output for Right Channel.
18
AVDD
Analog Supply
Analog Supply.
19
AGND
Analog Ground
Analog Ground.
20
VMID
Analog Output
Midrail Voltage Decoupling Input.
21
MICBIAS
Analog Output
Microphone Bias.
22
MICIN
Analog Input
Microphone Input Signal.
23
RLINEIN
Analog Input
Line Input for Right Channel.
24
LLINEIN
Analog Input
Line Input for Left Channel.
25
MODE
Digital Input
Control Interface Selection to Select I2C/SPI.
26
CSB
Digital Input
3-Wire Control Interface Chip Selection, Active Low/2-Wire Control Interface I2C Address
Selection.
27
SDIN
Digital Input/Output
3-Wire Control Interface Data Input/2-Wire Control Interface Data Input/Output.
28
SCLK
Digital Input
3-Wire/2-Wire Control Interface Clock Input.
GND Pad
Thermal Pad
Center Thermal Pad. Connect to PCB ground layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com