Electronic Components Datasheet Search
  English  ▼

X  

VLF4012AT Datasheet(PDF) 2 Page - TDK Electronics

Part # VLF4012AT
Description  High magnetic shield construction should actualize high resolution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF4012AT Datasheet(HTML) 2 Page - TDK Electronics

  VLF4012AT Datasheet HTML 1Page - TDK Electronics VLF4012AT Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-03 / 20050904 / e531_vlf4012a_2.fm
Inductors
VLF Series VLF4012A-2 Type
For Power Line
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
VLF4012AT-3R3M1R0-2
VLF4012AT-4R7MR82-2
VLF4012AT-6R8MR74-2
VLF4012AT-100MR50-2
TEST CIRCUIT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
DC current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
DC current (A)
0.0
2.0
4.0
6.0
8.0
0.0
0.2
0.4
0.6
0.8
1.0
DC current (A)
0
2
4
6
8
10
12
14
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
DC current (A)
1: LCR meter 4285A=100kHz
2: DC constant current
1
2
A
C=20,000
µF
L=0.1H
Sample



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com