Electronic Components Datasheet Search
  English  ▼

X  

L4936EH Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4936EH
Description  ADVANCED VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4936EH Datasheet(HTML) 3 Page - STMicroelectronics

  L4936EH Datasheet HTML 1Page - STMicroelectronics L4936EH Datasheet HTML 2Page - STMicroelectronics L4936EH Datasheet HTML 3Page - STMicroelectronics L4936EH Datasheet HTML 4Page - STMicroelectronics L4936EH Datasheet HTML 5Page - STMicroelectronics L4936EH Datasheet HTML 6Page - STMicroelectronics L4936EH Datasheet HTML 7Page - STMicroelectronics L4936EH Datasheet HTML 8Page - STMicroelectronics L4936EH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VS = 14V; Tj = -40 to 150
°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUT 1
VO1
Supply Output Voltage
VS = 6 to 28V;
IO1 = 400
µA to 100mA
4.9
5
5.1
V
Tj
≤125°C; IO1 = 50 to 400µA
4.8
5
5.2
V
VDP1
Dropoutput Voltage 1
IOUT1 = 10mA
0.1
0.2
V
IOUT1 = 100mA; VS = 4.8V
0.2
0.4
V
VOL01
Load Regulation 1
IOUT1 = 1 to 100mA
(after regulation setting)
25
mV
VLIM1
Current Limit 1
VOUT1 = 0.8 to 4.5V
100
200
400
mA
IQSB
Quiescent Current in Standby
Mode
IEN
≥ 2.4V (output 2 disabled)
IO1 = 0.1mA; VSI > 1.3V
65
90
µA
TJ <85
°C; RPR =0
75
µA
OUT 2
VO2
Output Voltage 2
ADJ connected to OUT 2
Enable = LOW; VS = 6 to 28V;
I02 = 5 to 400mA
4.9
5.1
V
VDP2
Dropoutput Voltage 2
IOUT2 = 100mA; VS = 4.8V
0.2
0.3
V
IOUT2 = 400mA; VS = 4.8V
0.3
0.6
V
VOL02
Load Regulation 2
IOUT1 = 5 to 400mA
(after regulation setting)
50
mV
RADJ
Adjust Input Resistance
60
100
150
K
Ω
ILIM2
Current Limit 2
V02 = 0.8 to 4.5V
450
650
1300
mA
IQ
Quiescent Current
IOUT1 = 100mA; IOUT2 = 400mA
20
mA
OUT1, OUT 2
VOLi 1,2
Line Regulation
VS = 6 to 28V; IO1 = 1mA,
IO2 = 5mA,
(after regulation setting)
20
mV
PIN FUNCTIONS
PIN (MW 11)
PIN (MW 15)
Name
Function
1
1
VS1
Supply Voltage (400mA Regulator)
1
2
VS2
Supply Voltage (100mA Regulator, Reset, Sense)
2
3
S1
Sense Input
3
4
PR
Reset Theresold Programming
4
5
CT
Reset Delay Capacitor
5
7
EN
Enable (low will activate the 400mA regulator)
6
8
GND
Ground
7
9
RES
Reset Output
8
12
SO
Sense Output
9
13
OUT 1
100mA Regulator Output
10
14
ADJ
Feedback of 400mA Regulator
11
15
OUT 2
400mA Regulator Output
6, 10, 11
NC
Not Connected
THERMAL DATA
Symbol
Parameter
MW 11
MW 15
Unit
Rth j-case
Thermal Resistance Junction-case
3
°C/W
Note 3: Typical value soldered on a PC board with 8 cm2 copper ground plane (35mm thick)
L4936E
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com