Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # R2000
Description  HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

R2000 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  R2000 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited R2000 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 -- PEAKFORWARDSURGECURRENT
FIG.4 -- TYPICAL JUNCTIONCAPACITANCE
REVERSE VOLTAGE,VOLTS
NUMBEROF CYCLES AT60Hz
FIG.1 -- FORWARDDERATINGCURVE
FIG.2 -- TYPICAL FORWARDCHARACTERISTICS
RATINGSANDCHARACTERISTICCURVES
R1200---R2000
AMBIENTTEMPERATURE,
INSTANTANEOUS FORWARDVOLTAGE, VOLTS
www.galaxycn.com
Document Number 0263002
2.
BLGALAXY ELECTRICAL
1.6
2.6
0.01
0.1
1.0
10
3.6
TJ=25
Pulse W idth=300
s
4.6
0.6
0
100
1
10
100
10
4
TJ=25
10
100
TJ=125
8.3ms Single Half
Sine - Wave
30
20
10
1
0
0
0.1
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.2
200
175
0.3
0.4
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com