Electronic Components Datasheet Search
  English  ▼

X  

RF3398 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3398
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3398 Datasheet HTML 1Page - RF Micro Devices RF3398 Datasheet HTML 2Page - RF Micro Devices RF3398 Datasheet HTML 3Page - RF Micro Devices RF3398 Datasheet HTML 4Page - RF Micro Devices RF3398 Datasheet HTML 5Page - RF Micro Devices RF3398 Datasheet HTML 6Page - RF Micro Devices RF3398 Datasheet HTML 7Page - RF Micro Devices RF3398 Datasheet HTML 8Page - RF Micro Devices RF3398 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
12
11
10
4
5
6
1
2
3
9
8
7
NC
NC
NC
NC
RF OUT
RF IN
RF3398
GENERAL PURPOSE AMPLIFIER
The RF3398 is a general purpose, low-cost RF amplifier IC. The device is manufac-
tured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as an easily-cascadable 50
Ω gain block.
Applications include IF and RF amplification in wireless voice and data communica-
tion products operating in frequency bands up to 6000MHz. The device is self-con-
tained with 50
Ω input and output impedances and requires only two external DC-
biasing elements to operate as specified. The device is designed for cost effective
high reliability in a plastic package. The 3mmx3mm footprint is compatible with
standard ceramic and plastic Micro-X packages.
Features
DC to >6000MHz Operation
Internally Matched Input and
Output
12.3dB Small Signal Gain
+25.4dBm Output IP3
+13.6dBm Output P1dB
Footprint Compatible with Micro-
X
Applications
Basestation Applications
Broadband, Low-Noise Gain
Blocks
IF or RF Buffer Amplifiers
Driver Stage for Power Amplifiers
Final PA for Low-Power Applica-
tions
High Reliability Applications
RF3398
General Purpose Amplifier
RF3398 PCBA
Fully Assembled Evaluation Board
Rev A8 DS051025
RF3398Gen-
eral Purpose
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 12-Pin, 3 x 3


Similar Part No. - RF3398

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3398 RFMD-RF3398 Datasheet
132Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF3398PCBA RFMD-RF3398PCBA Datasheet
132Kb / 10P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3398

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com