Electronic Components Datasheet Search
  English  ▼

X  

WP80 Datasheet(PDF) 2 Page - Weller Tools

Part # WP80
Description  Soldering iron 80 W, 24 V with Silver-Line Heating Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

WP80 Datasheet(HTML) 2 Page - Weller Tools

  WP80 Datasheet HTML 1Page - Weller Tools WP80 Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA
Approximate Heating Time (50–350 °C/120–660 °F) 10 sec
Barrel
T0058744845
ESD Safe
Yes
Integrated Direct Extraction
T0052918699 T0052918599
Power
80 W
Silver Line Heating Element Technology
Yes
Supply Unit
PU81 PUD81 PUD81i PUWAD101 PUD121
PUWAD101IG PUD151 WD1 WD1M WR2 WR3M
WR3ME WT1 WT1H WT2M
Temperature Range (Depends on Tool)
65 - 454°C
Tip Range
LT
Tip Type
LT
UPC
037103304421



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com