Electronic Components Datasheet Search
  English  ▼

X  

L4938ED Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4938ED
Description  ADVANCED VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 4 Page - STMicroelectronics

  L4938ED Datasheet HTML 1Page - STMicroelectronics L4938ED Datasheet HTML 2Page - STMicroelectronics L4938ED Datasheet HTML 3Page - STMicroelectronics L4938ED Datasheet HTML 4Page - STMicroelectronics L4938ED Datasheet HTML 5Page - STMicroelectronics L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ENABLE INPUT
VENL
Enable Input Low Voltage
(Output 2 Active)
-20
1
V
VENH
Enable Input High Voltage
1.4
20
V
VENhyst
Enable Hysteresis
20
30
60
mV
IEN LOW
Enable Input Current Low
VEN = 0
-20
-8
-3
µA
IEN HIGH
Enable Input Current High
VEN = 1.1 to 7V; TJ < 130
°C;
-1
0
1
µA
VEN = 1.1 to 7V;
TJ = 130 to 150
°C;
-10
0
10
µA
RESET CIRCUIT
VRT
Reset Theresold Voltage
(note4)
RPR =
∞
4.5
VO1-0.3 VO1-0.2
V
RPR = 0
3.65
3.8
3.95
V
VRTH
Reset Theresold Hysteresis
RPR =
∞
30
60
120
mV
tRD min
Reset Pulse Delay
CRES = 47nF; t r
≤ 30µs; (note 5)
40
60
100
ms
tRD nom
Reset Pulse Delay
CRES = 47nF; (note 6)
60
100
140
ms
tRR
Reset Reaction Time
CRES = 47nF
10
50
150
µs
ICT
Pull Down Capability of the
Discharge circuit
VOUT1 <VRT
36
15
mA
ICT
Charge Current
VOUT1 >VRT
-1.3
-1
0.7
µA
VRESL
Reset Output Low Voltage
RRES = 10K
Ω to VOUT1
VOUT1
≥ 1.5V
0.4
V
VRESH
Reset Output High Leakage
current
VRES =5V
1
µA
SENSE COMPARATOR
VSI
Functional Range
-20
20
V
VSIT
Sense Threshold Voltage
Falling Edge; TJ <130
°C
1.08
1.16
1.24
V
Falling Edge; TJ <130 to 150
°C
1.05
1.16
1.29
V
VSITH
Sense Threshold Hysteresis
10
30
60
mV
VSOL
Sense Output Low Voltage
V SI
≤ 1.05V; RSO =10KΩ
connected to 5V; VS
≥ 5V
0.4
V
ISOH
Sense Output Leakage
VSO = 5V; VSI
≥ 1.5V
1
µA
ISI HIGH
Sense Input Current High
VSI = 1.1 to 7V; TJ <130
°C-1
0
1
µA
VSI = 1.1 to 7V; TJ <130 to 150
°C
-10
0
10
µA
ISI LOW
Sense Input Current Low
VSI = 0V
-20
-8
-3
µA
Note :
4) The reset threshold can be programmed continuously from typ 3.8V to 4.7V by changing a value of an external resistor from pin PR to GN
5) This is a minimum reset time according to the hysteresis of the comparator. Delay time starts with VOUT1 exceeding VRT
6) This is the nominal reset time depending on the discharging limit of CT (saturation voltage) and theupper threshold of the timer comparator.
Delay time starts with VOUT1 exceeding VRT
7) The leakage of CT must be less than 0.5mA (2V). If an external resistor between CT and VOUT1 is applied, the leakage current may be
increased. The external resistor should have more than 30K
Ω.
for stability: Cs
≥ 1µF, C01 ≥ 10µF, C02 ≥ 10µF, ESR ≤ 5Ω (designed target) For details see application note.
8) For transients exceeding 20V or -20V external protection is required at the Pins SI and EN as shown at Pin EN. The protection proposed will
provide proper function for transients in the range of
±200V. If the zener diode is omitted the external resistor should be raised to 200KΩ
to limit the current to 1mA. Without the zener diode, the function 20V or -20V can not be guaran teed.
L4938E - L4938ED - L4938EPD
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com