Electronic Components Datasheet Search
  English  ▼

X  

HWS305 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS305
Description  GaAs DC-2.5 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS305 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS305 Datasheet HTML 1Page - Hexawave, Inc HWS305 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS305
!
!
March 2004 V2
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data @ +25°C
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
0.5-2.5 GHz
+30 dBm
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
DC blocking capacitors CB are required on all RF ports.
CB=CA=51pF for operating frequency > 500MHz.
Logic Table for Switch On-Path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
Insertion Loss
Isolation
0
1
Isolation
Insertion Loss
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V
B
B
B
A
A
Isolation vs Frequency
-40
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Insertion Loss vs Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
Return Loss vs Frequency
-40
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com