Electronic Components Datasheet Search
  English  ▼

X  

XCL220 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL220
Description  HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL220 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL220 Datasheet HTML 10Page - Torex Semiconductor XCL220 Datasheet HTML 11Page - Torex Semiconductor XCL220 Datasheet HTML 12Page - Torex Semiconductor XCL220 Datasheet HTML 13Page - Torex Semiconductor XCL220 Datasheet HTML 14Page - Torex Semiconductor XCL220 Datasheet HTML 15Page - Torex Semiconductor XCL220 Datasheet HTML 16Page - Torex Semiconductor XCL220 Datasheet HTML 17Page - Torex Semiconductor XCL220 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
XCL219/XCL220 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Efficiency vs. Output Current
XCL219B123FR-G, VOUT=1.2V
XCL220B123FR-G, VOUT=1.2V
XCL219B183FR-G, VOUT=1.8V
XCL219B333FR-G, VOUT=3.3V
XCL220B183FR-G, VOUT=1.8V
XCL220B333FR-G, VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com