Electronic Components Datasheet Search
  English  ▼

X  

HWS306 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS306
Description  GaAs DC-2.5 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS306 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS306 Datasheet HTML 1Page - Hexawave, Inc HWS306 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS306
!
!
March 2004 V2
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss: 0.35 dB @ 2 GHz
•••• Isolation: 26 dB @ 2 GHz
•••• P1dB: +25 dBm Typical @ +3V
•••• IP3: 43 dBm
•••• Low DC Power Consumption
•••• Low Cost SOT-363 Plastic Package
Description
The HWS306 is a GaAs MMIC SPDT switch in a
low cost SOT-363 plastic package. The HWS306
features low insertion loss with very low DC power
consumption. This general purpose switch can be
used in analog and digital wireless communication
systems.
SOT-363
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
DC-2.0 GHz
DC-2.5 GHz
0.35
0.40
0.55
0.60
dB
dB
Isolation
DC-1.0 GHz
DC-2.0 GHz
DC-2.5 GHz
25
22
21
28
25
23
dB
dB
dB
Return Loss
DC-2.5 GHz
20
dB
Input Power for One dB Compression
0.5-2.5 GHz
@ 0/+3V
@ 0/+5V
25
30
dBm
dBm
Input Third Order Intermodulation
Intercept Point
+5 dBm Per Tone @ 0.5-2.5 GHz
@ 0/+3V
@ 0/+5V
43
48
dBm
dBm
Switching Time
50
ns
Control Current
5
50
uA
Note: All measurements made in a 50 ohm system with 0/+3V control voltages, unless otherwise specified.


Similar Part No. - HWS306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-12 ETC2-HWS30-12 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-12A ETC2-HWS30-12A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS30-12A TDK-HWS30-12A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS30-15 ETC2-HWS30-15 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
HWS30-15A ETC2-HWS30-15A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results

Similar Description - HWS306

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS305 HW-HWS305 Datasheet
122Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com