Electronic Components Datasheet Search
  English  ▼

X  

AP8003 Datasheet(PDF) 4 Page - Wuxi Chipown Micro-electronics limited

Part # AP8003
Description  Fixed 5V output non-isolated AC/DC converter chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8003 Datasheet(HTML) 4 Page - Wuxi Chipown Micro-electronics limited

  AP8003 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8003 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP8003
Chipown
www.chipown.com
© 2018 无锡芯朋微电子股份有限公司
Rev.1805
2018 年 5 月
4 / 10
特性曲线
-50
-25
0
25
50
75
100
125
150
15
20
25
30
35
40
45
Junction Temperture(℃)
-50
-25
0
25
50
75
100
125
150
500
525
550
575
600
625
650
Junction Temperture(℃)
(a) RDS(on) vs Tj
(b) BVDSS vs Tj
-50
-25
0
25
50
75
100
125
150
5.1
5.2
5.3
5.4
5.5
5.6
5.7
Junction Temperture(℃)
-50
-25
0
25
50
75
100
125
150
22
24
26
28
30
Junction Temperture(℃)
(c) VOUT vs Tj
(d) Toffmin vs Tj
-50
-25
0
25
50
75
100
125
150
4.8
4.9
5.0
5.1
5.2
5.3
5.4
Junction Temperture(℃)
-50
-25
0
25
50
75
100
125
150
3.9
4.0
4.1
4.2
4.3
4.4
Junction Temperture(℃)
(e) VDDon vs Tj
(f) VDDoff vs Tj



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com